MX3J10RE-R52
AI

The **MX3J10RE-R52** is an electronic component, specifically a high-precision, high-power **Metal Film Resistor**. It is part of the MX series, often utilized in industrial and power applications where stability and reliability are critical.
---
### Technical Specifications
The following table outlines the primary electrical and physical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Fixed Resistor |
| **Resistance Value** | 10 Ohms ($\Omega$) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Power Rating** | High Power (Typically 3W - 5W range for this series) |
| **Technology** | Metal Oxide / Metal Film |
| **Mounting Type** | Through-Hole (Axial Leads) |
| **Packaging** | R52 (Taped in 52mm ammo pack) |
---
### Part Number Breakdown
Understanding the nomenclature helps in identifying the specific attributes of the component:
1. **MX**: Series identifier (typically signifies a Metal Oxide or High-Reliability Metal Film construction).
2. **3**: Power Rating (often signifies 3 Watts, though this can vary by manufacturer catalog).
3. **J**: Tolerance code ($\pm5\%$).
4. **10RE**: Resistance value (10 Ohms). The 'E' represents the decimal point location for Ohms.
5. **R52**: Packaging style. This indicates the component is taped for automated insertion with a spacing of **52mm** between the tapes.
---
### Key Features and Applications
* **Heat Dissipation:** Designed to handle significant thermal loads without degrading the resistance value.
* **Stability:** Metal film/oxide technology provides better long-term stability and lower noise compared to carbon composition resistors.
* **Flameproof Coating:** These resistors usually feature a coating that prevents the component from catching fire under extreme overload conditions.
#### Common Uses:
* **Power Supplies:** Used as a current-limiting or bleeder resistor.
* **Motor Controllers:** High power handling makes it suitable for snubber circuits.
* **Consumer Electronics:** Found in television sets and audio amplifiers for voltage dropping.
- ⤷
What are the alternatives to this resistor if 10 Ohms is unavailable?
- ⤷ How does a Metal Oxide resistor differ from a Wirewound resistor in power applications?
- ⤷ What are the specific dimensions of the R52 axial packaging?