MW2T-R010
AI

The **MW2T-R010** is a specialized precision electronic component, typically categorized as a **Surface Mount (SMD) Power Shunt Resistor** or a **Current Sense Resistor**. It is designed to measure current flow by monitoring the voltage drop across its resistive element.
---
### 1. Key Technical Specifications
The part number follows a standard nomenclature used by manufacturers like *KOA Speer* or *Isabellenhütte*. Below is a breakdown of its primary electronic characteristics:
| Parameter | Specification | Description |
|:---|:---|:---|
| **Resistance Value** | 10 mΩ (0.010 Ω) | The "R010" suffix indicates 10 milli-ohms. |
| **Tolerance** | ±1% or ±5% | Precision level of the resistance value. |
| **Power Rating** | 1W - 2W | Maximum power dissipation capacity (depending on footprint). |
| **Package Size** | 2512 / 1206 | Often found in larger SMD packages to handle heat. |
| **Temperature Coefficient** | ±50 to ±100 ppm/°C | Stability of resistance across temperature changes. |
---
### 2. Physical Construction
The MW2T series is generally built using a **Metal Plate** or **Metal Alloy** construction rather than thick film. This provides several electronic advantages:
* **Low Inductance:** Ideal for high-frequency switching applications.
* **High Pulse Capability:** Can withstand short-duration high-current surges without failing.
* **Thermal Management:** The metal element is bonded to a ceramic substrate or molded in a flame-retardant resin to dissipate heat efficiently.
---
### 3. Application and Usage
This component is used in "Kelvin Connection" or "4-Terminal" sensing circuits to ensure accuracy.
#### Typical Circuit Roles:
1. **Overcurrent Protection:** Detecting if a motor or power supply is drawing too much current.
2. **Battery Management Systems (BMS):** Monitoring the charge and discharge rates of Lithium-ion cells.
3. **DC-DC Converters:** Providing feedback loops for voltage regulation.
---
### 4. Schematic Representation
In a standard circuit, the resistor is placed in series with the load:
```text
[Power Source] ----+----[MW2T-R010]----+---- [Load] ---- [GND]
| |
+--[Sensing Pins]---+
|
[Current Sense Amp/MCU]
```
---
- ⤷
What is the maximum current rating for a 10mΩ resistor at 2 Watts?
- ⤷ What are the advantages of metal plate resistors over thick film resistors?
- ⤷ How do I calculate the voltage drop across the MW2T-R010 at 5 Amps?