MW2F-R010
AI

## Technical Overview of the MW2F-R010
The **MW2F-R010** is a specialized surface-mount (SMD) electronic component, typically categorized as a **Current Sense Resistor** or a **Shunt Resistor**. These components are designed to measure current flow by monitoring the voltage drop across a known low resistance value.
---
### 1. Key Technical Specifications
The alphanumeric code provides insight into its electrical properties. Below is a breakdown of the typical specifications for this series:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 0.010 Ω (10 mΩ) | The "R010" suffix denotes 0.010 Ohms. |
| **Type** | Metal Strip / Metal Foil | High stability and low noise construction. |
| **Tolerance** | ±1% or ±5% | Precision level of the resistance value. |
| **Power Rating** | 1W to 2W | Common power dissipation capacity for this footprint. |
| **Mounting Type** | Surface Mount (SMD) | Designed for PCB mounting via reflow soldering. |
---
### 2. Physical Construction
The **MW2F** series is generally built using a **Metal Plate** or **Metal Alloy** technology. This construction offers several advantages over standard thick-film resistors:
* **Heat Dissipation:** The metal element is often molded or coated with a flame-retardant epoxy to handle high temperatures.
* **Low Inductance:** Necessary for high-frequency switching power supplies.
* **Low TCR:** (Temperature Coefficient of Resistance) Ensures the resistance remains stable even as the part heats up.
---
### 3. Application Circuits
These parts are widely used in power management systems. Common applications include:
1. **Battery Management Systems (BMS):** Monitoring the charge and discharge current of Lithium-ion batteries.
2. **DC-DC Converters:** Providing feedback to the controller to prevent over-current scenarios.
3. **Motor Control:** Detecting the load on a motor to adjust torque or speed.
---
### 4. Reading the Part Number
The part number follows a standard industry convention:
* **MW2F:** Series identifier (Indicates the physical size and material type).
* **R010:** Resistance value ($R$ acts as a decimal point). $0.010 \Omega$.
---
- ⤷
What is the standard package size (EIA code) for the MW2F-R010?
- ⤷ How do I calculate the voltage drop across this resistor at 5 Amps?
- ⤷ What are the alternatives to the MW2F series for high-precision current sensing?