AI

The **MVS24T2CJ-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Varistor** or a **Transient Voltage Suppressor (TVS)**. These components are primarily used to protect sensitive electronic circuits from high-voltage transients (surges) caused by ESD, lightning, or inductive load switching.
---
### 1. Component Specifications
Below is a technical breakdown of the typical parameters for this part:
| Parameter | Value/Description |
| :--- | :--- |
| **Type** | Multilayer Varistor (MLV) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Operating Voltage (DC)** | 24V (Typical) |
| **Capacitance** | Optimized for signal integrity (Low pF range) |
| **Response Time** | Extremely fast (<1 nanosecond) |
| **Package Size** | Typically 0402 or 0603 (Inches) |
---
### 2. Key Features
* **Bidirectional Protection:** The device protects against surges in both positive and negative directions, making it suitable for AC and DC lines.
* **Low Leakage Current:** It consumes very little power during normal operation, preserving battery life in portable devices.
* **High Reliability:** Designed to withstand multiple strike events without degrading significantly.
* **Compact Form Factor:** The "CJ" designation often refers to a specific small-outline package used in high-density PCB designs.
---
### 3. Functional Working Principle
The MVS24T2CJ-R acts as a **Voltage-Dependent Resistor**:
1. **Normal State:** When the voltage is below 24V, the part has high resistance, acting as an open circuit.
2. **Surge State:** When a voltage spike exceeds the threshold, the resistance drops instantly.
3. **Clamping:** The varistor shunts the excess current to the ground, "clamping" the voltage to a safe level for the downstream components.
---
### 4. Common Applications
* **Mobile Electronics:** Smartphones and tablets (USB ports, buttons).
* **Data Lines:** Protecting high-speed data interfaces from static electricity.
* **Automotive:** Protecting low-voltage sensors and infotainment systems.
* **Industrial Controls:** Surge protection for PLC inputs and outputs.
---
### 5. Identification Code Breakdown
While naming conventions vary by manufacturer (such as TDK, AVX, or Littelfuse), the code usually breaks down as follows:
* **MVS:** Multilayer Varistor Series.
* **24:** Maximum continuous operating voltage (24V).
* **T:** Packaging type (e.g., Tape and Reel).
* **CJ-R:** Specific tolerance, size, or RoHS compliance indicator.
- ⤷
What are the clamping voltage limits for the MVS24T2CJ-R?
- ⤷ How does this varistor compare to a TVS diode in terms of performance?
- ⤷ What is the recommended PCB footprint for this specific package?