MVS22V2CJ-R
AI

The **MVS22V2CJ-R** is a specific electronic component typically classified as a **Varistor** (Voltage Dependent Resistor), manufactured by **KOA Speer Electronics**. These components are primarily used for Overvoltage Protection and Surge Suppression in electronic circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) |
| **Package / Case** | 0805 (2012 Metric) Surface Mount |
| **Varistor Voltage** | Typically 22V (at 1mA DC) |
| **Maximum Allowable Voltage** | 14V AC / 18V DC |
| **Clamping Voltage** | ~40V (Max) |
| **Peak Surge Current** | 30A to 40A (8/20µs pulse) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Description
The MVS series (Multilayer Varistors) acts like a "safety valve" for circuits.
* **Normal Operation:** At standard operating voltages, the part has high resistance and acts as an open circuit, allowing signals to pass unaffected.
* **Surge Event:** When a high-voltage spike (like ESD or a power surge) hits the line, the resistance of the MVS22V2CJ-R drops instantly. This shunts the excess energy to the ground, protecting sensitive downstream ICs.
---
### 3. Application Areas
This specific part is often found in compact consumer electronics and industrial interfaces due to its small **0805 footprint**.
* **ESD Protection:** Protecting I/O ports, USB lines, and sensor inputs.
* **Automotive Electronics:** Used in non-safety critical systems to suppress transient noise.
* **Power Supply Filtering:** Placed across DC rails to prevent voltage ripples from damaging microcontrollers.
---
### 4. Part Number Breakdown (Typical KOA Logic)
| Code | Meaning |
| :--- | :--- |
| **MVS** | Multilayer Varistor Series |
| **22** | Varistor Voltage (22V) |
| **V** | Tolerance / Series Identifier |
| **2C** | 0805 (2.0mm x 1.25mm) Size |
| **J-R** | Packaging Code (usually Taping/Reel) |
---
- ⤷
What are the differences between a Varistor and a TVS Diode for surge protection?
- ⤷ How do I calculate the correct clamping voltage for my circuit?
- ⤷ Can this component be used for AC power line protection?