công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MVS13V2CJ-R

  • AI
    The **MVS13V2CJ-R** is a specific electronic component primarily classified as a **Varistor** (Voltage Dependent Resistor) or a **Surge Protector**, typically manufactured by companies like Koa Speer or similar specialists in circuit protection. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The MVS series consists of **Metal Oxide Varistors (MOVs)** designed to protect sensitive electronic circuits against voltage surges and electrostatic discharge (ESD). The "R" suffix usually denotes compliance with RoHS standards or specific packaging (Tape & Reel). ### Key Technical Specifications | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | Multilayer Varistor (MLV) | | **Operating Voltage (DC)** | ~13V (Indicated by '13' in the part number) | | **Clamping Voltage** | The voltage at which the device becomes highly conductive | | **Response Time** | High speed (Sub-nanosecond range) | | **Material** | Zinc Oxide (ZnO) based ceramic | | **Package Style** | Surface Mount Device (SMD/SMT) | --- ## 2. Working Principle The MVS13V2CJ-R acts as a "pressure relief valve" for electricity: 1. **Normal Operation:** Under the rated working voltage (13V), the varistor maintains high resistance, acting as an open circuit. 2. **Surge Event:** When a high-voltage spike (like ESD) occurs, the resistance drops instantly. 3. **Protection:** The device shunts the excess current to the ground, clamping the voltage to a safe level for the downstream components. --- ## 3. Physical & Design Characteristics ### Dimensions As an SMD component, it is designed for automated PCB assembly. Common sizes for this series are often **0603** or **0402** metric equivalents, though specific datasheets should be consulted for exact "CJ" footprint dimensions. ### Internal Structure * **Multilayer Construction:** Uses interleaved electrode layers to increase the active area, allowing for higher energy dissipation in a small footprint. * **Termination:** Usually features nickel/tin plating for excellent solderability. --- ## 4. Common Applications This specific voltage rating (13V) makes it ideal for: * **USB Port Protection:** Safeguarding data lines. * **Low Voltage DC Power Rails:** Protecting 5V to 12V lines. * **Portable Electronics:** Smartphones, tablets, and wearables. * **Automotive Infotainment:** Handling minor transients in 12V systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact package size for the CJ-R suffix?
    • ⤷ What is the maximum peak surge current this component can handle?
    • ⤷ How does this varistor compare to a TVS diode for ESD protection?