MVM3JB51K0
AI

The part number **MVM3JB51K0** refers to a high-power, metal oxide film resistor manufactured by **Stackpole Electronics**. It is designed for applications requiring stability and reliability under high-voltage or high-temperature conditions.
---
## Technical Specifications Table
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Stackpole Electronics |
| **Series** | MVM (Metal Oxide Resistor) |
| **Resistance Value** | 51 kΩ (Kilohms) |
| **Tolerance** | ± 5% (indicated by 'J') |
| **Power Rating** | 3 Watts |
| **Mounting Type** | Through-Hole |
| **Package / Case** | Axial Lead |
| **Composition** | Metal Oxide Film |
---
## Key Features
### 1. Metal Oxide Composition
Metal oxide film resistors are preferred over standard carbon film resistors because they can withstand higher temperatures and provide better stability. They are also non-flammable and provide a higher level of safety in case of overload.
### 2. High Power-to-Size Ratio
The "MVM3" designation indicates a 3-watt power rating. For its physical size, this resistor handles significant heat dissipation, making it ideal for power supplies and industrial circuits.
### 3. Safety Construction
* **Flameproof Coating:** The exterior is typically coated with a flameproof material that prevents the component from catching fire if it fails due to extreme overcurrent.
* **Surge Handling:** These resistors are robust against brief voltage surges or pulses compared to thin-film alternatives.
---
## Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **MVM** | Series Name (Metal Oxide Power Resistor) |
| **3** | Power Rating (3 Watts) |
| **J** | Tolerance (± 5%) |
| **B** | Packaging (Bulk) |
| **51K0** | Resistance Value (51,000 Ohms) |
---
## Common Applications
* **Power Supplies:** Used as bleeder resistors or voltage dividers.
* **Motor Controllers:** Current limiting and snubbing circuits.
* **Consumer Electronics:** High-wattage stages in CRT displays or audio amplifiers.
* **Industrial Equipment:** Where long-term stability under thermal stress is required.
- ⤷
What are the alternatives to MVM3JB51K0 if a lower tolerance is required?
- ⤷ Can this resistor be used in high-frequency RF applications?
- ⤷ What is the maximum operating temperature for the MVM series?