công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MVIP202027AX

  • AI
    Based on your request, the **MVIP202027AX** refers to a high-performance **2.0 Megapixel (Full HD) IP Camera Module**, typically used in CCTV, industrial monitoring, and security systems. Below is an explanation of its core electronic components and technical specifications. --- ## 1. Core Electronic Specifications The performance of this module is driven by its image sensor and digital signal processor (DSP). | Feature | Specification | Description | | :--- | :--- | :--- | | **Resolution** | 1920 x 1080 (2.0 MP) | High-definition video output. | | **Image Sensor** | Progressive Scan CMOS | Reduces motion blur compared to interlaced sensors. | | **Optical Zoom** | 27x | High-magnification motorized lens assembly. | | **Interface** | Ethernet (RJ45) / TTL | Supports network streaming and serial control. | | **Protocol** | ONVIF, RTSP, HTTP | Standardized communication for NVR compatibility. | --- ## 2. Key Electronic Components ### A. The Optical Sensor (CMOS) The heart of the module is a high-sensitivity CMOS sensor. It converts incoming photons into electrons. The "AX" series usually emphasizes low-light performance (Starvis technology), allowing the electronics to capture color images in near-dark conditions. ### B. Motorized Zoom & Focus Controllers Unlike fixed lenses, this unit contains: * **Stepper Motors:** Micro-motors that move the lens elements to achieve 27x optical zoom. * **Feedback Loops:** Sensors that tell the processor the exact position of the glass to ensure "Auto Focus" (AF) is sharp. ### C. Image Signal Processor (ISP) This integrated circuit handles the digital "cleaning" of the image. Its functions include: * **WDR (Wide Dynamic Range):** Electronically balancing bright areas and dark shadows. * **3D-DNR:** Digital Noise Reduction to remove "grain" in night shots. * **ICR (IR-Cut Filter):** A mechanical relay that switches a filter in front of the sensor to block infrared during the day and allow it at night. --- ## 3. Interface and Connectivity The electronic "back-end" of the module typically features a multi-pin ribbon cable or connector for the following: 1. **Power Input:** Usually 12V DC. 2. **Network (Tx/Rx):** Differential pairs for Ethernet communication. 3. **Serial Control (UART/RS485):** Used to send PTZ (Pan-Tilt-Zoom) commands to the camera. 4. **Audio In/Out:** Analog pins for connecting microphones or speakers. --- ## 4. Example Control Integration If you are integrating this module into a custom system using Python to capture the stream, you would typically use the RTSP protocol: ```python import cv2 # Replace with the actual IP address assigned to the MVIP module camera_url = "rtsp://admin:password@192.168.1.100:554/stream1" cap = cv2.VideoCapture(camera_url) while True: ret, frame = cap.read() if ret: cv2.imshow('MVIP202027AX Stream', frame) if cv2.waitKey(1) & 0xFF == ord('q'): break cap.release() cv2.destroyAllWindows() ```
    ✨ Follow-up Questions
    • ⤷ What are the power requirements and pinout diagrams for this specific module?
    • ⤷ Does the MVIP202027AX support PoE (Power over Ethernet) directly?
    • ⤷ How do I update the firmware on this IP camera module?