MVH23V2AG-R
AI

### MVH23V2AG-R: Component Overview
The **MVH23V2AG-R** is an automotive-grade, high-performance **Step-Down (Buck) DC-DC Converter** integrated circuit. It is designed to regulate high input voltages down to a stable, lower output voltage, primarily for automotive electronic control units (ECUs).
---
### Core Specifications
The following table outlines the primary electrical characteristics of the MVH23V2AG-R:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Input Voltage Range** | 4.5V to 40V | Supports standard 12V/24V automotive systems |
| **Output Current** | Up to 2.0A | Continuous load capability |
| **Switching Frequency** | 2.1 MHz (Typical) | High frequency allows for smaller inductors/capacitors |
| **Operating Temp** | -40°C to +125°C | AEC-Q100 Grade 1 Compliance |
| **Efficiency** | ~90% - 94% | Varies based on load and voltage differential |
| **Package** | VQFN | Small footprint with enhanced thermal dissipation |
---
### Key Electronic Features
1. **Synchronous Rectification:**
The IC integrates both high-side and low-side MOSFETs. This eliminates the need for an external Schottky diode, reducing heat and improving overall energy efficiency.
2. **Frequency Spread Spectrum (FSS):**
To meet strict automotive EMI (Electromagnetic Interference) requirements, the device employs FSS. This "spreads" the switching noise across a wider frequency band, reducing the peak noise level.
3. **Protection Circuitry:**
* **Over-Current Protection (OCP):** Limits current to prevent damage during a short circuit.
* **Thermal Shutdown:** Turns off the device if the internal junction temperature exceeds safety limits.
* **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is high enough for stable performance.
4. **Soft Start:**
Gradually increases the output voltage during power-up to prevent large inrush currents that could damage other components.
---
### Typical Application Circuit
A basic implementation requires a few passive components to function:
```text
Input (12V) ----[Cin]----[MVH23V2AG-R]----[Inductor]----[Cout]---- Output (5V/3.3V)
| |
[GND] [Feedback Resistors]
```
* **Inductor:** Stores energy during the switching cycle.
* **Input/Output Capacitors:** Smooth the voltage ripples.
* **Feedback Network:** A resistor divider used to set the specific target output voltage.
---
### Applications
* **Automotive Infotainment:** Powering displays and head units.
* **ADAS (Advanced Driver Assistance Systems):** Powering cameras and radar sensors.
* **Body Electronics:** Lighting controllers and gateway modules.
- ⤷
What are the recommended values for the inductor and output capacitor for a 5V output?
- ⤷ How does the Frequency Spread Spectrum (FSS) specifically help in passing CISPR 25 Class 5 tests?
- ⤷ Is there a pin-compatible alternative for higher current requirements?