công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MVH14V2CG-R

  • AI
    ## Technical Overview of the MVH14V2CG-R The **MVH14V2CG-R** is a high-performance **Chip Varistor** (Voltage Dependent Resistor) manufactured by **Inpaq Technology**. It is designed specifically for ESD (Electrostatic Discharge) protection and surge suppression in high-speed data lines and sensitive electronic circuits. ### 1. Component Specifications Below are the primary electrical and physical characteristics of the device: | Property | Specification | | :--- | :--- | | **Component Type** | Multilayer Chip Varistor (MLV) | | **Package Size** | 0402 (Metric 1005) | | **Working Voltage (VDC)** | 14V | | **Varistor Voltage (V1mA)** | 16.5V - 22.5V | | **Clamping Voltage (8/20μs)** | 35V (Max) | | **Capacitance (@ 1MHz)** | 30pF (Typical) | | **Peak Surge Current (8/20μs)** | 20A | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Key Internal Features The MVH14V2CG-R is constructed using multilayer ceramic technology, which provides several advantages over traditional Zener diodes: * **Multilayer Construction:** Consists of interleaved layers of semiconducting zinc oxide (ZnO) and metal electrodes. This allows for a high energy density in a very small 0402 footprint. * **Bi-directional Protection:** Unlike standard diodes, this varistor provides symmetrical protection, meaning it can clamp both positive and negative voltage spikes. * **Fast Response Time:** It reacts to ESD transients in less than 1 nanosecond, effectively "shunting" the excess energy to the ground before it reaches sensitive ICs. --- ### 3. Application Use Cases This specific part is frequently used in mobile electronics and automotive infotainment due to its small size and reliability. 1. **I/O Port Protection:** Used on USB 2.0, HDMI, and audio jacks to prevent static electricity from the user (human body model) from damaging the internal processor. 2. **Power Line Decoupling:** Provides secondary protection on low-voltage DC power rails (e.g., 12V or 5V lines). 3. **Keyboard/Button Matrix:** Protects scanning lines of physical buttons. --- ### 4. Comparison: Varistor vs. TVS Diode In the context of the MVH14V2CG-R, it is often compared to TVS (Transient Voltage Suppression) diodes. ```markdown - Varistor (MVH14V2CG-R): Better for high-temperature stability and cost-effectiveness in high-volume consumer goods. - TVS Diode: Generally offers lower clamping voltages and lower capacitance, but at a higher cost per unit. ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 30pF capacitance in high-speed data circuits?
    • ⤷ How does the 8/20μs surge current rating relate to real-world ESD events?
    • ⤷ Can this component be used in 24V automotive systems?