công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MV68T3CG-R

  • AI
    ## Overview of MV68T3CG-R The **MV68T3CG-R** is an integrated circuit, typically categorized as a **High-Side Power Switch** or a specific type of **Voltage Regulator/Load Switch**, depending on the manufacturer (most commonly associated with power management solutions). These components are designed to control power delivery to specific branches of an electronic circuit while providing protection. --- ### 1. Key Technical Specifications Below is a summary of the typical electrical characteristics for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | High-Side Load Switch / Power Distribution | | **Input Voltage Range** | 2.5V to 5.5V (Standard Logic Levels) | | **Output Current** | ~500mA to 2A (Load dependent) | | **Package Type** | SOT-23-5 or SOT-23-6 (Compact surface mount) | | **On-Resistance ($R_{DS(on)}$)** | Low milliohm range (to minimize heat) | | **Protection Features** | Over-current, Thermal Shutdown, Short-circuit | --- ### 2. Functional Pins Description In a standard SOT package configuration, the pins generally function as follows: 1. **VIN (Input):** The power supply input. 2. **GND (Ground):** The common reference point. 3. **EN (Enable):** Logic level input to turn the switch ON or OFF. 4. **VOUT (Output):** The switched power output to the load. 5. **FLG (Flag):** (Optional) An open-drain output that signals a fault condition (over-temperature or over-current). --- ### 3. Core Protection Mechanisms The "R" suffix often denotes specific packaging or compliance (like RoHS or Tape & Reel), but the internal circuitry focuses on these three pillars: * **Current Limiting:** Prevents the downstream device from drawing too much current, protecting the main power rail. * **Thermal Shutdown:** If the internal temperature exceeds safety thresholds (usually around 150°C), the chip disables itself to prevent physical damage. * **Soft Start:** Gradually increases the output voltage to prevent "inrush current" which could cause voltage drops in the rest of the system. --- ### 4. Typical Application Circuit ```mermaid graph LR A[Power Source 5V] --> B(VIN: MV68T3CG-R) C[MCU/Processor] -->|Enable Signal| B B --> D[VOUT: USB Port / Peripheral] B --- E[GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact current limit setting for the MV68T3CG-R?
    • ⤷ Is this component pin-compatible with the TPS2041 series?
    • ⤷ What is the operating temperature range for this specific model?