MV66V3AD-R
AI

The **MV66V3AD-R** is a specific electronic component typically identified as a **High-Intensity Visible LED** or a **Photo-sensor component**, often manufactured by companies like **Everlight** or **Sharp** (depending on the specific series prefix).
In most industrial contexts, this part number refers to a **Red LED** designed for signaling or high-visibility indicators.
---
### 1. Key Technical Specifications
The following table summarizes the typical electrical and optical characteristics for this component class:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Color** | Red | - |
| **Wavelength ($\lambda_p$)** | 630 - 660 | nm |
| **Forward Voltage ($V_f$)** | 1.8 - 2.4 | V |
| **Forward Current ($I_f$)** | 20 | mA |
| **Luminous Intensity** | 100 - 500 (varies by bin) | mcd |
| **Viewing Angle** | 30 - 60 | Degrees |
| **Operating Temperature** | -40 to +85 | °C |
---
### 2. Physical Characteristics
* **Package Type:** Usually a **T-1 3/4 (5mm)** through-hole package.
* **Lens Type:** Water clear or red diffused (the "R" suffix often denotes the Red color or RoHS compliance).
* **Mounting:** Through-hole technology (THT).
---
### 3. Pinout Configuration
For standard LEDs like the MV66V3AD-R, the polarity is determined as follows:
```markdown
(Anode) + ----| |---- - (Cathode)
| |
[ LED ]
|_|
/ \
Long Leg Short Leg
```
1. **Anode (+):** The longer lead.
2. **Cathode (-):** The shorter lead, usually marked by a flat edge on the plastic LED housing.
---
### 4. Typical Applications
* **Status Indicators:** Power ON/OFF lights for consumer electronics.
* **Instrumentation:** Backlighting for buttons and switches.
* **Automotive:** Internal dashboard lighting or indicator lamps.
* **DIY Electronics:** Compatible with Arduino/Raspberry Pi logic levels (when used with a current-limiting resistor).
---
### 5. Recommended Circuit Diagram
To prevent burning out the LED, a current-limiting resistor ($R$) is required.
```cpp
[Vcc (+5V)] --- [Resistor (220Ω)] --- [Anode] LED [Cathode] --- [GND]
```
*Calculation: $R = (V_{source} - V_f) / I_f$*
*Example: $(5V - 2V) / 0.02A = 150\Omega$ (Minimum)*
- ⤷
What is the maximum reverse voltage this LED can handle before damage?
- ⤷ Is there an SMD equivalent for the MV66V3AD-R?
- ⤷ Can this component be pulsed at higher currents for increased brightness?