MV66V2CG-R
AI

The **MV66V2CG-R** is a specific surface-mount (SMD) Light Emitting Diode (LED) component, typically categorized under high-efficiency indicators or optoelectronic displays.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. General Overview
The MV66V2CG-R is part of a family of subminiature LEDs designed for applications where space is at a premium. It is often characterized by its "Gull Wing" or "Yoke" lead configuration, allowing for flexible mounting on PCBs.
### Key Features:
* **Technology:** AlGaInP (Aluminum Gallium Indium Phosphide) or similar high-brightness substrate.
* **Package Type:** Subminiature SMD (Surface Mount Device).
* **Emitted Color:** Super Red / High-Efficiency Red.
* **Lens Type:** Water Clear or Diffused (depending on the specific batch).
---
## 2. Technical Specifications
The following table summarizes the typical electrical and optical parameters for this part:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Forward Voltage** | $V_f$ | 1.8 - 2.4 | Volts (V) |
| **Forward Current** | $I_f$ | 20 | Milliamps (mA) |
| **Peak Wavelength** | $\lambda_p$ | 630 - 660 | Nanometers (nm) |
| **Luminous Intensity** | $I_v$ | 50 - 150 | Millicandela (mcd) |
| **Viewing Angle** | $2\theta_{1/2}$ | 25 - 40 | Degrees (°) |
| **Operating Temp** | $T_{op}$ | -40 to +85 | Celsius (°C) |
---
## 3. Electronic Design Considerations
### Current Limiting Resistor
To prevent the LED from burning out, a series resistor must be used. You can calculate the required resistance using Ohm's Law:
```python
# R = (Source_Voltage - Forward_Voltage) / Target_Current
source_v = 5.0 # Volts
forward_v = 2.0 # Typical for Red
current = 0.020 # 20mA
resistor_value = (source_v - forward_v) / current
print(f"Required Resistor: {resistor_value} Ohms")
# Result: 150 Ohms
```
### Pin Configuration
1. **Anode (+):** The longer lead or the side marked with a polarity notch/green line on the bottom.
2. **Cathode (-):** The side connected to the negative terminal of the power supply.
---
## 4. Typical Applications
* **Status Indicators:** Small electronic devices (routers, modems).
* **Backlighting:** Illuminating membrane switches or small LCD panels.
* **Consumer Electronics:** Handheld devices where PCB real estate is limited.
* **Automotive:** Internal dashboard lighting or button illumination.
---
- ⤷
What are the physical dimensions of the MV66V2CG-R package?
- ⤷ Can this LED be driven by a 3.3V microcontroller pin directly?
- ⤷ What is the maximum peak pulse current for this specific model?