công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MV63V2AG-R

  • AI
    The **MV63V2AG-R** is a specific model of an **AC/DC Power Adapter**, typically manufactured by brands like **Leitch**, **Harris**, or **Imagine Communications**. It is most commonly used to power professional broadcast equipment, video processing modules, and signal converters. --- ## 1. Technical Specifications Below are the primary electronic characteristics of the MV63V2AG-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal) | | **Input Frequency** | 50/60 Hz | | **Output Voltage** | +5V DC | | **Output Current** | 3.0A (Typical) | | **Connector Type** | Usually 4-Pin Circular (DIN) or Barrel (dependent on sub-revision) | | **Form Factor** | External Desktop / Wall-mount style | --- ## 2. Key Internal Components As a high-reliability switching power supply (SMPS), the MV63V2AG-R consists of several critical electronic sections: ### A. Input Protection Section * **Fuse:** Protects against overcurrent in the event of a component failure. * **MOV (Metal Oxide Varistor):** Absorbs voltage surges from the AC mains to protect the internal circuitry. * **EMI Filter:** Inductors and X/Y capacitors that prevent electromagnetic interference from leaking back into the power grid. ### B. Rectification & Filtering * **Bridge Rectifier:** Converts AC voltage into pulsating DC. * **Bulk Electrolytic Capacitor:** Smooths the high-voltage DC (typically rated for 400V–450V). ### C. Switching & Transformation * **PWM Controller IC:** The "brain" that regulates the duty cycle to maintain a steady 5V output. * **Switching MOSFET:** Acts as a high-speed gate to pulse energy through the transformer. * **High-Frequency Transformer:** Provides galvanic isolation between the AC input and the DC output while stepping down the voltage. ### D. Output Regulation * **Schottky Diodes:** Rectify the low-voltage AC from the transformer back to DC. * **Feedback Loop (Optocoupler):** Monitors the 5V output and sends a signal back to the PWM controller to adjust power delivery if the load changes. --- ## 3. Common Usage & Applications This power supply is engineered for low-noise environments. Its primary applications include: 1. **Broadcast Infrastructure:** Powering Harris/Leitch video distribution amplifiers. 2. **Signal Converters:** Converting analog video to digital (SDI/HDMI). 3. **Network Equipment:** High-reliability routers or switches requiring a steady 5V/3A rail. --- ## 4. Troubleshooting Note If the unit fails, the most common electronic failure points are: * **Capacitor Aging:** The output capacitors may bulge or leak, leading to "ripple" (noise) on the 5V line. * **Thermal Stress:** Prolonged use in poorly ventilated racks can degrade the switching MOSFET.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the 4-pin connector on the MV63V2AG-R?
    • ⤷ Are there any compatible modern alternatives for this power supply?
    • ⤷ How can I test if the optocoupler in this unit is functioning correctly?