MV63T2AG-R
AI

The **MV63T2AG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Aluminum Electrolytic Capacitor**. These components are widely used in power management and filtering circuits due to their high capacitance-to-volume ratio.
---
### 1. Technical Specifications
While exact parameters can vary by manufacturer (often associated with brands like **Lelon** or **Samxon**), the alphanumeric code generally breaks down as follows:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor |
| **Mounting Type** | SMD (Surface Mount Device) / V-Chip |
| **Voltage Rating** | 63V (Indicated by "63") |
| **Series** | MV (Medium Voltage / Standard Life) |
| **Operating Temperature** | Usually -40°C to +105°C |
| **Polarity** | Polarized (Must be installed in correct orientation) |
### 2. Physical Characteristics
* **V-Chip Design:** It features a flat bottom base (usually square or rectangular) designed to be soldered directly onto a PCB (Printed Circuit Board) using automated pick-and-place machines.
* **Marking:** The top of the metal "can" usually features a black stripe indicating the **negative terminal** and text denoting capacitance and voltage.
### 3. Common Applications
The MV63T2AG-R is designed for general-purpose electronic circuits that require stable power:
* **DC-DC Converters:** Filtering output noise and stabilizing voltage.
* **Consumer Electronics:** Used in LED drivers, televisions, and audio equipment.
* **Industrial Power Supplies:** Providing bulk capacitance for smoothing rectified AC power.
* **Automotive Systems:** Used in non-critical electronic control units (ECUs).
### 4. Handling and Soldering
| Category | Recommendation |
| :--- | :--- |
| **Soldering** | Reflow soldering is standard; ensure the thermal profile does not exceed the component's peak temperature (typically 240°C-260°C). |
| **Polarity** | **Critical:** Reverse voltage can cause the component to overheat, leak, or explode. |
| **Shelf Life** | Electrolytic capacitors can dry out over time. It is recommended to check the leakage current if the part has been stored for more than 2 years. |
---
- ⤷
What is the capacitance value (uF) of the MV63T2AG-R?
- ⤷ What are the physical dimensions (diameter and height) for this specific part?
- ⤷ Are there low-ESR alternatives to the MV series for high-frequency applications?