MV28V1AD-R
AI

The **MV28V1AD-R** is a high-precision, voltage-controlled crystal oscillator (VCXO) typically used in telecommunications, networking, and synchronization circuits. It is designed to provide a stable frequency reference while allowing for fine-tuning via a control voltage.
---
## 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the MV28V1AD-R series:
| Parameter | Typical Value / Range | Unit |
| :--- | :--- | :--- |
| **Nominal Frequency** | Standard frequencies (e.g., 10 MHz to 52 MHz) | MHz |
| **Supply Voltage (Vcc)** | 3.3V or 5.0V (Variant dependent) | V |
| **Output Type** | CMOS / Sine Wave | - |
| **Frequency Stability** | ±0.28 ppm to ±1.0 ppm | ppm |
| **Control Voltage Range** | 0.5V to 2.5V or 0V to 3.0V | V |
| **Pulling Range** | ±5 ppm to ±15 ppm | ppm |
| **Operating Temperature** | -40°C to +85°C | °C |
---
## 2. Core Components and Functions
The device is an integrated module containing several critical electronic sub-parts:
### A. High-Q Quartz Crystal
The heart of the component is a precision-cut quartz crystal. It acts as the mechanical resonator that dictates the base frequency.
### B. Varactor Diode (Varicap)
To achieve the "Voltage Controlled" aspect, a varactor diode is placed in the oscillation circuit. When the control voltage is applied to the **V_ctrl** pin, the capacitance of this diode changes, slightly shifting the resonance frequency of the crystal (the "pulling" effect).
### C. Buffer Amplifier
An internal semiconductor stage that amplifies the weak oscillations from the crystal and provides a robust output signal (usually CMOS) capable of driving downstream integrated circuits without loading the oscillator.
---
## 3. Application Areas
Due to its high stability and ability to be synchronized to an external reference, the MV28V1AD-R is found in:
* **SDH/SONET Equipment:** For clock recovery and timing.
* **Base Stations:** Synchronizing cellular signals (LTE/5G).
* **Phase-Locked Loops (PLL):** Used as the local oscillator that locks onto a master GPS or Atomic clock signal.
---
## 4. Connection Interface (Pinout Basics)
Typically, these modules use a small surface-mount (SMD) package with the following pin assignments:
1. **V_ctrl:** Input for frequency adjustment voltage.
2. **GND:** Circuit ground.
3. **Output:** The generated clock signal.
4. **Vcc:** DC Power supply.
- ⤷
What is the exact pulling range for the MV28V1AD-R model?
- ⤷ How does temperature affect the frequency stability of this VCXO?
- ⤷ What are the recommended decoupling capacitor values for the Vcc pin?