MV25V1AD-R
AI

The **MV25V1AD-R** is a specific part number typically associated with **Surface Mount (SMT) Aluminum Electrolytic Capacitors**. These components are widely used in power management and filtering circuits where space is limited but high capacitance is required.
---
### 1. General Specifications
Based on standard industry nomenclature for this series, here are the technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Capacitance** | Typically 1.0 µF (indicated by "1A") |
| **Rated Voltage** | 25V DC |
| **Tolerance** | ±20% (Standard) |
| **Operating Temp** | -40°C to +85°C (Standard) or +105°C (Long life) |
| **Packaging** | Tape & Reel (indicated by "-R") |
---
### 2. Breakdown of Part Numbering
Manufacturers (such as Elna, United Chemi-Con, or similar) often use a logical coding system:
* **MV**: Series prefix (often denotes a standard or low-profile vertical chip type).
* **25V**: The maximum working voltage the capacitor can handle.
* **1A**: Represents the capacitance value. In many coding systems, "1A" or "105" signifies 1.0 microfarad ($\mu F$).
* **D**: Size code (referring to the diameter and height of the "can").
* **-R**: Indicates the packaging format, specifically **Tape & Reel** for automated pick-and-place machines.
---
### 3. Physical Characteristics
* **Form Factor:** It is a "Vertical Chip" (V-Chip) type, meaning it sits upright on a plastic base platform that is soldered to the PCB.
* **Polarity:** These are **polarized** components. The top of the aluminum can usually features a dark mark (often black or blue) indicating the **negative (-)** terminal.
* **Dimensions:** Size "D" usually corresponds to a very small footprint, typically around $4 \times 5.2$ mm or $5 \times 5.2$ mm.
---
### 4. Common Applications
Due to its 25V rating and small capacitance, the MV25V1AD-R is generally used for:
1. **Decoupling:** Removing high-frequency noise from power lines in digital circuits.
2. **Filtering:** Smoothing small ripples in DC-DC converters.
3. **Bypassing:** Providing a local energy reservoir for integrated circuits (ICs).
4. **Audio Circuits:** DC blocking and coupling in miniature consumer electronics.
---
### 5. Handling and Soldering
* **Reflow Soldering:** Designed to withstand the high temperatures of infrared or convection reflow ovens.
* **Shelf Life:** Like all electrolytic capacitors, they have a limited shelf life due to the internal electrolyte drying out over many years.
- ⤷
What are the exact physical dimensions of the 'D' size code for this series?
- ⤷ Is there a specific manufacturer datasheet available for the MV series?
- ⤷ Can I substitute this with a ceramic capacitor of the same value?