MV25T1AD-R
AI

The **MV25T1AD-R** is a high-performance, surface-mount (SMD) **Voltage Controlled Temperature Compensated Crystal Oscillator (VCTCXO)**. It is primarily used in telecommunications and navigation systems where high frequency stability is critical despite changes in temperature or voltage.
---
### ## Technical Specifications
The following table summarizes the key electrical and physical characteristics of the MV25T1AD-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | VCTCXO (Voltage Controlled Temperature Compensated Crystal Oscillator) |
| **Nominal Frequency** | Typically 25.000 MHz (Refer to specific batch) |
| **Supply Voltage (Vcc)** | 3.3V (Standard) |
| **Output Type** | Clipped Sine Wave / CMOS (depending on configuration) |
| **Frequency Stability** | ±0.5 ppm to ±2.5 ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Size** | 2.5mm x 2.0mm (Ultra-miniature) |
| **Mounting Type** | Surface Mount (SMD) |
---
### ## Key Features
1. **Temperature Compensation:** Unlike standard oscillators, it includes internal circuitry that senses temperature changes and adjusts the crystal's frequency to keep it stable.
2. **Voltage Control (VC):** The "V" in VCTCXO indicates it has a control pin. By applying a small voltage (typically 0.5V to 2.5V), the user can "pull" or fine-tune the output frequency.
3. **Low Phase Noise:** Designed for high-speed data transmission, minimizing jitter and signal interference.
4. **Compact Footprint:** Its 2520 (2.5x2.0mm) size makes it ideal for portable electronics and space-constrained PCB designs.
---
### ## Typical Applications
* **Wireless Communication:** Base stations, small cells, and Wi-Fi 6 routers.
* **GPS/GNSS:** High-precision positioning modules where timing accuracy is vital for satellite locking.
* **IoT Devices:** Low-power wide-area networks (LPWAN) requiring stable clocking over long periods.
* **Optical Networking:** Synchronous Ethernet and SONET/SDH equipment.
---
### ## Pin Configuration (General 4-Pin Layout)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Vc | Voltage Control (Frequency Tuning) |
| **2** | GND | Ground |
| **3** | Output | RF Frequency Output |
| **4** | Vcc | Power Supply |
---
- ⤷What is the difference between a TCXO and a VCTCXO?
- ⤷ How does the 'Clipped Sine Wave' output benefit RF circuits?
- ⤷ What are the soldering precautions for the 2520 SMD package?