AI

The **MV23V1CG-R** is a specific surface-mount (SMD) electronic component, typically identified as a **Varistor** (Voltage Dependent Resistor) manufactured by companies like **Inpaq**. It is primarily used for **ESD (Electrostatic Discharge) protection** in high-speed data lines.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Multilayer Varistor (MLV) | Designed for transient voltage suppression. |
| **Package Size** | 0201 (Metric 0603) | Extremely small footprint (0.6mm x 0.3mm). |
| **Working Voltage** | 23V DC | The maximum continuous operating voltage. |
| **Capacitance** | Low Capacitance (~0.5pF to 1.0pF) | Essential for high-speed signal integrity. |
| **Clamping Voltage** | ~45V - 60V | The voltage at which the device shunts the spike. |
| **Response Time** | < 1 ns | Provides near-instantaneous protection. |
---
### 2. Functional Role
The MV23V1CG-R acts as a "safety valve" for sensitive integrated circuits (ICs).
1. **Normal State:** Under normal operating voltages (below 23V), the part has high impedance and acts like an open circuit, allowing data to pass.
2. **Surge State:** When an ESD event occurs (e.g., a static shock from a human hand), the resistance drops instantly.
3. **Protection:** The device diverts the excess current to the ground, protecting the internal components from being fried by high voltage.
---
### 3. Common Applications
Due to its ultra-low capacitance, this part is ideal for interfaces where signal distortion must be minimized:
* **Antenna Circuits:** Protecting RF front-ends in smartphones.
* **High-Speed Ports:** USB 3.0/3.1, HDMI 2.0, and DisplayPort.
* **Mobile Electronics:** Wearables, tablets, and IoT devices where PCB space is extremely limited.
* **NFC Modules:** Protection for Near Field Communication antennas.
---
### 4. Circuit Diagram Representation
In a schematic, this part is placed in parallel between the signal line and the ground:
```text
[ Signal Line ] -----------+----------- [ Protected IC ]
|
[MLV] <-- MV23V1CG-R
|
[ Ground ]
```
- ⤷
What is the difference between an MLV like this and a TVS diode?
- ⤷ How does the 0201 package size affect the soldering process during PCB assembly?
- ⤷ Can this component be used in power supply filtering or only for data lines?