MV23T2CD-R
AI

The **MV23T2CD-R** is an electronic component primarily classified as a **TCXO (Temperature Compensated Crystal Oscillator)**. These components are critical in telecommunications and high-precision electronics for maintaining a stable frequency despite environmental temperature changes.
---
## 1. Technical Specifications
The following table highlights the typical electrical and mechanical characteristics of this series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) |
| **Package Type** | Surface Mount Device (SMD) |
| **Standard Frequency** | Commonly 10.000 MHz to 40.000 MHz (Varies by sub-model) |
| **Supply Voltage** | Usually 3.3V or 5.0V DC |
| **Output Type** | Clipped Sine Wave or CMOS |
| **Frequency Stability** | ±0.5 ppm to ±2.5 ppm (over temp range) |
| **Operating Temp** | -30°C to +85°C |
---
## 2. Key Electronic Components Inside
A TCXO like the MV23T2CD-R is not a single crystal, but a micro-circuit consisting of several parts:
1. **Quartz Crystal Blank:** The heart of the unit that vibrates at a specific frequency.
2. **Compensation Network:** A temperature sensor (thermistor) and a varactor diode. As temperature changes, the circuit adjusts the capacitance to "pull" the crystal back to its target frequency.
3. **Oscillator IC:** An integrated circuit that sustains the oscillation and manages power distribution.
4. **Voltage Regulator:** Ensures that small fluctuations in the input voltage do not affect the output frequency.
---
## 3. Applications and Usage
Because of its high stability and compact SMD form factor, it is used in:
* **GPS Receivers:** Where precise timing is needed to calculate position.
* **Wireless Communication:** Base stations and high-end radio transceivers.
* **Networking Gear:** Synchronous Ethernet and SONET/SDH equipment.
* **IoT Devices:** Low-power wide-area networks (LPWAN) requiring stable clock sources.
---
## 4. Pin Configuration (Typical)
Most SMD TCXOs in this series follow a standard 4-pin or 6-pin layout:
```text
Pin 1: Vc (Voltage Control/NC)
Pin 2: GND (Ground)
Pin 3: Output (Signal)
Pin 4: Vcc (Supply Voltage)
```
- ⤷
What is the difference between a TCXO and a standard Crystal (XTAL)?
- ⤷ How do I interpret the 'CD-R' suffix in the part number?
- ⤷ What are the soldering requirements for the MV23T2CD-R package?