công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MV22T1CG-R

  • AI
    The **MV22T1CG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Varistor** (Metal Oxide Varistor or MOV). These parts are primarily used for surge protection and voltage clamping in compact electronic circuits. --- ## 1. Technical Specifications Below is a summary of the typical electrical characteristics for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Package / Case** | 0805 (Metric 2012) | | **Working Voltage (DC)** | 18V - 22V (VDC) | | **Working Voltage (AC)** | ~14V (RMS) | | **Varistor Voltage** | 24V - 34V (at 1mA DC) | | **Clamping Voltage** | ~40V - 54V (Max) | | **Peak Current** | 100A - 150A (8/20μs pulse) | | **Capacitance** | High (Approx. 500pF - 800pf) | --- ## 2. Key Features The "MV" series is designed for high-efficiency transient voltage suppression. * **Bidirectional Protection:** It protects against transients in both positive and negative directions. * **Fast Response Time:** Features a response time of less than 1 nanosecond, making it ideal for protecting sensitive ICs. * **High Energy Absorption:** Despite its small 0805 footprint, it can handle significant peak current pulses. * **Temperature Stability:** Operates reliably across a wide temperature range (typically -40°C to +125°C). --- ## 3. Part Number Breakdown (Typical Naming Convention) While naming can vary slightly by manufacturer (like Amotech or AVX), the code usually breaks down as follows: 1. **MV:** Multilayer Varistor. 2. **22:** Working Voltage (22V). 3. **T:** Tolerance or Temperature characteristic code. 4. **1:** Peak Current/Energy rating code. 5. **CG:** Material/Construction code (often indicating Lead-Free/RoHS compliance). 6. **R:** Packaging (Tape and Reel). --- ## 4. Common Applications Due to its small size and voltage rating, the MV22T1CG-R is commonly found in: * **Consumer Electronics:** Smartwatch circuits, smartphones, and tablets. * **Automotive:** Secondary protection for sensors and communication lines (CAN bus). * **I/O Ports:** Protection for USB ports, audio jacks, and power buttons against Electrostatic Discharge (ESD). * **Power Supplies:** Low-voltage DC input filtering to prevent damage from switching transients. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum energy rating (Joules) for the MV22T1CG-R?
    • ⤷ Can this component be used for high-speed data line protection despite its capacitance?
    • ⤷ What are the recommended soldering profiles for this 0805 SMD package?