MV22T1AD-R
AI

## MV22T1AD-R: Technical Specifications and Overview
The **MV22T1AD-R** is a specific electronic component, typically categorized as a **VCO (Voltage Controlled Oscillator)** or a **Crystal Oscillator (VCXO)**, commonly used in telecommunications and high-frequency RF applications.
---
### 1. Key Component Specifications
Below is a breakdown of the typical technical parameters associated with this part number (often associated with manufacturers like Microchip/Vectron or specialized RF suppliers):
| Feature | Description |
| :--- | :--- |
| **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) |
| **Package Style** | Surface Mount Device (SMD) |
| **Frequency Range** | Typically fixed (common frequencies: 10MHz - 52MHz) |
| **Supply Voltage** | Usually 3.3V or 5.0V (Standard logic levels) |
| **Output Type** | CMOS / TTL compatible |
| **Operating Temp** | Industrial Grade (-40°C to +85°C) |
---
### 2. Electronic Functionality
The MV22T1AD-R functions as a frequency generator where the output frequency can be "pulled" or adjusted slightly by an external tuning voltage.
* **VCO/VCXO Core:** It utilizes a quartz crystal for high stability, but incorporates a varactor diode to allow small frequency adjustments.
* **Control Voltage ($V_c$):** By changing the voltage at the control pin, the user can fine-tune the output to synchronize with a reference clock (Phase-Locked Loop applications).
* **Low Phase Noise:** Designed to minimize "jitter," making it suitable for data transmission where timing precision is critical.
---
### 3. Common Applications
These parts are integrated into complex electronic systems that require precise timing synchronization:
1. **Telecommunications:** Base stations and small cell hardware.
2. **Networking:** SONET/SDH clocks and Ethernet synchronization.
3. **Broadcasting:** Video/audio signal processing equipment.
4. **Test & Measurement:** Frequency synthesizers and laboratory signal generators.
---
### 4. Pin Configuration (Typical)
*Though you should always consult the specific datasheet for the manufacturer's revision, standard 4-pin or 6-pin VCXOs follow this logic:*
* **Pin 1:** Control Voltage ($V_{cont}$)
* **Pin 2:** Enable/Disable or No Connect
* **Pin 3:** Ground (GND)
* **Pin 4:** RF Output
* **Pin 5/6:** Supply Voltage ($V_{cc}$)
- ⤷
What is the specific manufacturer of your MV22T1AD-R component?
- ⤷ Do you need the exact pinout diagram for this specific model?
- ⤷ What is the target frequency you are trying to achieve in your circuit?