MV21T2AD-R
AI

The **MV21T2AD-R** is a specific model of an AC/DC power supply module, commonly used in industrial automation and telecommunications equipment. It is designed to convert high-voltage AC input into a stable DC output to drive electronic components.
---
### 1. Technical Specifications
The following table summarizes the primary electrical characteristics of the MV21T2AD-R:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 100V - 240V AC (Universal Input) |
| **Output Voltage** | 21V DC (Nominal) |
| **Current Rating** | Typically 2A - 3A (Varies by specific revision) |
| **Efficiency** | > 85% |
| **Cooling** | Passive Air Convection |
| **Protection Features** | Over-voltage, Over-current, Short-circuit protection |
---
### 2. Core Electronic Components
The internal architecture of the MV21T2AD-R consists of several critical stages:
#### A. Input Filtering & Protection
* **MOV (Metal Oxide Varistor):** Protects the device from high-voltage surges or lightning strikes.
* **EMI Filter:** Uses X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the power grid.
#### B. Rectification & Bulk Capacitance
* **Bridge Rectifier:** Converts the AC sine wave into a pulsating DC signal.
* **High-Voltage Electrolytic Capacitor:** Smooths the pulsating DC into a high-voltage DC bus (typically ~310V - 400V).
#### C. Switching Stage (SMPS)
* **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain output stability.
* **MOSFET:** Acts as a high-speed switch, chopping the DC bus into high-frequency pulses to be sent through the transformer.
#### D. Isolation & Secondary Output
* **High-Frequency Transformer:** Provides galvanic isolation between the AC input and DC output while stepping down the voltage.
* **Schottky Diodes:** Rectifies the high-frequency AC from the transformer back into DC.
* **Optoisolator:** Sends feedback from the output side back to the PWM controller to ensure the voltage remains exactly at 21V regardless of the load.
---
### 3. Common Applications
* **LCD/LED Monitors:** Often used as an internal power board or external adapter for high-end displays.
* **Network Hardware:** Powering routers, switches, or small-scale servers requiring a 21V rail.
* **Industrial Controls:** Driving PLCs or sensors that operate on non-standard DC voltages.
---
- ⤷
What are the most common failure points in the MV21T2AD-R module?
- ⤷ Can this power supply be used for 24V applications if adjusted?
- ⤷ What are the dimensions and mounting requirements for this specific model?