AI

Based on technical specifications for industrial automation and motor control components, the **MV18V1AD-R** typically refers to a specific series of **Motor Protection Circuit Breakers (MPCB)** or manual motor starters, often associated with brands like Mitsubishi Electric or similar industrial manufacturers.
Below is an explanation of its electronic and mechanical parts.
---
### 1. General Specifications
The MV18V1AD-R is designed to provide protection for motors against overloads, phase failures, and short circuits.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Manual Motor Starter / Circuit Breaker |
| **Operation Type** | Rotary Handle (indicated by the "-R" suffix) |
| **Protection** | Thermal (Overload) and Magnetic (Short Circuit) |
| **Mounting** | DIN Rail (35mm) or Screw Mount |
---
### 2. Internal Electronic and Mechanical Parts
#### A. Thermal Overload Release (Bimetallic Strip)
* **Function:** Protects the motor from overheating due to prolonged high current.
* **Operation:** It consists of bimetallic strips that bend when heated by current. If the current exceeds the set threshold for a specific time, the strips trigger the tripping mechanism.
#### B. Magnetic Short-Circuit Release
* **Function:** Provides instantaneous protection against short circuits.
* **Operation:** Uses an electromagnetic coil (solenoid). When a very high surge current (short circuit) passes through, the magnetic field pulls a plunger that immediately trips the breaker.
#### C. Arc Chutes (De-ion Grids)
* **Function:** Extinguishes the electrical arc generated when the contacts open under load.
* **Construction:** A series of metal plates that break the arc into smaller segments, cooling and dissipating it safely.
#### D. Rotary Operating Handle
* **Function:** Manual control and status indication.
* **Positions:** Usually features **ON**, **OFF**, and **TRIP** positions. The "-R" variant typically uses a rotary knob rather than a toggle switch for better ergonomic control in control panels.
---
### 3. Key Technical Parameters
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Rated Voltage (Ue)** | Up to 690V AC |
| **Current Setting Range** | Adjustable (e.g., 1.0A to 1.6A, varies by specific sub-model) |
| **Short Circuit Capacity** | Typically 50kA to 100kA depending on voltage |
| **Phase Failure Sensitivity** | Built-in (trips if one phase drops) |
---
### 4. Connection Interface
* **Main Terminals:** Screw-type terminals for L1, L2, L3 (Input) and T1, T2, T3 (Output to Motor).
* **Auxiliary Contacts (Optional):** Many units allow for side-mounted or front-mounted electronic contacts to send signals to a PLC (Programmable Logic Controller) regarding the status (Tripped/Open).
- ⤷
What is the specific current adjustment range for the MV18V1AD-R model?
- ⤷ How do I wire auxiliary contacts to this circuit breaker for PLC monitoring?
- ⤷ What are the primary differences between the rotary handle (-R) and toggle versions?