MV16V2CG-R
AI

## Technical Overview: MV16V2CG-R
The **MV16V2CG-R** is a specific part number typically associated with **Surface Mount (SMD) Aluminum Electrolytic Capacitors**, often manufactured by companies like **Lelon** or **Nichicon** (specifically within the V-Chip or MV series).
---
### 1. Key Technical Specifications
The alphanumeric code provides specific details regarding the component's electrical properties. Below is a breakdown of the standard specifications for this part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor |
| **Mounting Type** | Surface Mount Device (SMD) / V-Chip |
| **Capacitance** | Varies (Standardly linked to 10µF - 100µF range depending on full series) |
| **Rated Voltage** | 16V DC |
| **Tolerance** | ±20% (Standard) |
| **Operating Temperature** | -40°C to +85°C (Standard) or +105°C (High temp) |
| **Case Size** | Often 4mm to 6.3mm diameter |
---
### 2. Part Number Breakdown (General Logic)
Most manufacturers use a structured naming convention for these components:
* **MV:** Series prefix (Indicates a standard, general-purpose SMD electrolytic series).
* **16V:** Rated Voltage (16 Volts).
* **2CG:** Specific code for Capacitance and Case Size dimensions.
* **-R:** Usually indicates **RoHS Compliance** or **Tape & Reel** packaging.
---
### 3. Physical Characteristics & Features
1. **V-Chip Design:** The "V" shape refers to the vertical mounting style on a PCB, designed for automated pick-and-place machines.
2. **Polarity:** These are polarized components. A dark stripe on the top of the aluminum can indicates the **Negative (-)** terminal.
3. **Reflow Soldering:** Designed to withstand the high temperatures of infrared or convection reflow soldering processes.
---
### 4. Common Applications
These capacitors are widely used in consumer electronics where space is limited but stable capacitance is required:
* **Filtering:** Smoothing out voltage ripples in power supplies.
* **Bypassing:** Shunting high-frequency noise to ground.
* **Decoupling:** Providing a local energy reservoir for ICs.
* **Common Devices:** Laptops, motherboards, LED drivers, and automotive infotainment systems.
---
### 5. Critical Precautions
> [!WARNING]
> **Polarity:** Always ensure the capacitor is installed with the correct polarity. Reversing the polarity can cause the component to overheat, leak, or explode.
> **Voltage Headroom:** It is best practice to run these at roughly 70-80% of their rated voltage (16V) for long-term reliability.
- ⤷
What is the specific capacitance value for the 2CG code in this series?
- ⤷ Are there 105°C rated alternatives for the MV16V2CG-R?
- ⤷ What are the physical dimensions (diameter and height) of this part?