MV15V3AD-R
AI

The **MV15V3AD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Varistor** or a **Voltage Suppressor**. These parts are primarily used in power electronics and circuit protection to shield sensitive components from voltage transients and surges.
---
### 1. Key Technical Specifications
While exact specifications can vary by manufacturer (often associated with brands like **Microsemi** or specialized industrial suppliers), the model name typically encodes its primary electrical characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) or TVS Diode |
| **Working Voltage (DC)** | Typically 15V |
| **Package Type** | SMD (Surface Mount Device) |
| **Polarity** | Bi-directional (usually) |
| **Response Time** | Fast (Nanoseconds) |
| **RoHS Compliance** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical and Chemical Composition
The "MV" series parts are generally constructed using a ceramic-like material known as **Metal Oxide**.
* **Microstructure:** It consists of zinc oxide grains with other metal oxide additives.
* **Encapsulation:** The component is usually molded in a high-temperature resistant epoxy or glass passivation to ensure durability during the reflow soldering process.
---
### 3. Functional Working Principle
The MV15V3AD-R acts as a **Non-linear Resistor**. Its resistance changes based on the applied voltage:
1. **Normal State:** When the circuit voltage is below 15V, the component has high resistance, acting as an open circuit.
2. **Surge State:** When a voltage spike (transient) occurs, the resistance drops instantly.
3. **Clamping:** The device "clamps" the voltage to a safe level, diverting the excess current to the ground or through a safe path, thus protecting the rest of the PCB.
---
### 4. Typical Applications
This specific part is often found in the following environments:
* **USB Port Protection:** Protecting data lines from Electrostatic Discharge (ESD).
* **Automotive Electronics:** Safeguarding low-voltage sensors from engine-induced noise.
* **Power Supplies:** Acting as a secondary protection layer for 12V-15V DC rails.
* **Telecommunications:** Protecting signal lines in modems or routers.
---
### 5. Identification of the Suffix "-R"
In modern electronics manufacturing, the **-R** suffix almost universally signifies:
* **RoHS Compliant:** Lead-free and environmentally friendly materials.
* **Tape and Reel:** Packaging format suitable for automated pick-and-place assembly machines.
- ⤷
What are the peak pulse current ratings for the MV15V3AD-R?
- ⤷ Can this component be used in AC voltage applications?
- ⤷ What are the common alternatives or equivalents for this part?