AI

The **MV14V2CG-R** is a specific surface-mount (SMD) electronic component, typically categorized as a **Varistor** (specifically a Multilayer Varistor or MLV) manufactured by companies like **Eaton (formerly Cooper Bussmann)** or similar circuit protection specialists.
Below is a detailed breakdown of its electronic characteristics and functions.
---
### 1. General Overview
The MV series represents Multilayer Varistors designed to protect sensitive electronic circuits from high-voltage transients, such as Electrostatic Discharge (ESD) or lightning-induced surges.
| Attribute | Description |
| :--- | :--- |
| **Component Type** | Multilayer Varistor (MLV) / Transient Voltage Suppressor (TVS) |
| **Package / Case** | 0402 (Standard EIA Surface Mount Size) |
| **Technology** | Metal Oxide Varistor (MOV) Material in layers |
| **Function** | Overvoltage Protection / Surge Suppression |
---
### 2. Key Electrical Specifications
While specific datasheets may vary slightly by manufacturer, the "14V2CG" nomenclature usually follows this standard specification:
* **Working Voltage ($V_{dc}$):** Approximately **14V DC**. This is the maximum continuous voltage the part can handle without "clamping."
* **Varistor Voltage:** The point at which the device becomes conductive (typically measured at 1mA).
* **Capacitance:** Often denoted by the "CG" suffix, which implies a specific capacitance range (usually low to mid-range, e.g., **under 100pF**), making it suitable for high-speed data lines.
* **Clamping Voltage:** The maximum voltage the device will allow through during a surge event.
---
### 3. How It Works
The MV14V2CG-R acts as a voltage-dependent resistor:
1. **Normal Operation:** At 14V or below, it maintains high impedance (acts like an open circuit).
2. **Surge Event:** When a voltage spike exceeds the threshold, the resistance drops instantly, shunting the excess current to the ground.
3. **Recovery:** Once the spike passes, it returns to a high-impedance state.
---
### 4. Application Areas
Due to its small 0402 footprint and 14V rating, it is commonly used in:
* **Consumer Electronics:** Smart-phones, tablets, and wearables.
* **I/O Ports:** USB 2.0/3.0, HDMI, and audio jacks.
* **Automotive:** Low-voltage sensor protection.
* **Power Supplies:** DC-side transient protection.
---
### 5. Part Number Breakdown (Generic)
| Code | Meaning |
| :--- | :--- |
| **MV** | Multilayer Varistor Series |
| **14** | Working Voltage (14 Volts) |
| **V2** | Energy/Current handling category |
| **CG** | Capacitance/Tolerance code |
| **-R** | RoHS Compliant / Lead-Free |
- ⤷
What is the maximum surge current rating for the MV14V2CG-R?
- ⤷ How does a Multilayer Varistor (MLV) differ from a TVS Diode in performance?
- ⤷ Can this component be used for AC line protection?