công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MV14T3CG-R

  • AI
    The **MV14T3CG-R** is a high-performance **Micro-Electromechanical Systems (MEMS) Oscillator**, typically manufactured by companies like **Microchip (formerly Micrel)** or specialized timing component providers. These oscillators are used as a replacement for traditional quartz crystals in timing and frequency control circuits. --- ## 1. Technical Specifications The "MV14" series generally refers to a specific package size and voltage profile. Below are the typical electronic characteristics for this part: | Feature | Specification | | :--- | :--- | | **Component Type** | MEMS Oscillator | | **Output Type** | CMOS / LVCMOS | | **Supply Voltage (Vdd)** | 1.8V to 3.3V (Variable depending on exact sub-series) | | **Frequency Stability** | ±25ppm to ±50ppm (Standard) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Size** | 1.6 x 1.2 mm or 2.0 x 1.6 mm (Ultra-miniature) | | **RoHS Status** | Compliant (Lead-Free) | --- ## 2. Pin Configuration These devices usually feature a 4-pin layout to minimize board footprint: 1. **Pin 1 (OE/ST):** Output Enable or Standby mode. High = Active; Low = High Impedance/Power Down. 2. **Pin 2 (GND):** Ground connection. 3. **Pin 3 (OUT):** Frequency output signal (Clock). 4. **Pin 4 (Vdd):** Power supply voltage. --- ## 3. Key Electronic Advantages The MV14T3CG-R utilizes MEMS technology rather than a quartz resonator, offering several electronic benefits: * **Shock and Vibration Resistance:** Because it uses a silicon-etched resonator rather than a fragile crystal, it is highly resistant to mechanical failure. * **Low Jitter:** Provides a clean clock signal suitable for high-speed data transmission. * **Small Form Factor:** The "T3" designation often refers to the specific miniature footprint, saving PCB real estate in mobile or wearable devices. * **Start-up Time:** MEMS oscillators typically have a faster start-up time compared to traditional crystals. --- ## 4. Typical Applications * **Consumer Electronics:** Smartwatches, smartphones, and tablets. * **Industrial IoT:** Sensors and gateway modules requiring low power consumption. * **Computing:** Peripheral clocks for USB, Ethernet, and PCIe interfaces. --- ## 5. Usage Precautions When designing a circuit with the MV14T3CG-R, observe the following: * **Decoupling:** Place a **0.1µF ceramic capacitor** as close to the Vdd pin (Pin 4) as possible to filter power supply noise. * **Trace Impedance:** Keep the clock output trace (Pin 3) as short as possible to prevent signal reflections and EMI (Electromagnetic Interference).
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the MV14T3CG-R variant?
    • ⤷ How does MEMS technology differ from quartz crystals in terms of aging?
    • ⤷ What are the specific soldering profile requirements for this package?