công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MV14T1AD-R

  • AI
    The **MV14T1AD-R** is a specific electronic component, typically categorized as a **Temperature Compensated Crystal Oscillator (TCXO)** or a high-precision quartz-based timing module. These parts are designed to maintain a stable frequency output despite changes in ambient temperature. --- ## 1. Core Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Package Type** | Surface Mount Device (SMD) | | **Output Type** | CMOS / Clipped Sine Wave | | **Voltage Supply** | Usually 3.3V or 5.0V DC | | **Frequency Stability** | ±0.5 ppm to ±2.5 ppm (Temperature dependent) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Internal Architecture The MV14T1AD-R consists of several critical internal sub-systems: ### A. Quartz Crystal Resonator The heart of the component. It vibrates at a specific fundamental frequency when an electric current is applied (Piezoelectric effect). ### B. Compensation Network Unlike standard crystals, this part contains a **thermistor-based compensation circuit**. It senses the ambient temperature and adjusts the load capacitance of the crystal to "pull" the frequency back to its nominal value, counteracting thermal drift. ### C. Voltage Regulator Internal circuitry that ensures fluctuations in the input power supply do not affect the output frequency stability. --- ## 3. Pin Configuration (Typical SMD) While you should always consult the specific datasheet for the footprint, most modules in this class follow this logic: 1. **Vcc:** Power Supply Input. 2. **GND:** Ground Reference. 3. **Output:** The stabilized clock signal. 4. **Control/NC:** Sometimes used for Voltage Control (VC-TCXO) or left Not Connected. --- ## 4. Typical Applications Because of its high precision, the MV14T1AD-R is used in: * **Telecommunications:** Base stations and small cells where timing synchronization is critical. * **GPS/GNSS:** Required for fast signal acquisition and accurate positioning. * **Networking:** High-speed routers and switches. * **IoT Devices:** Low-power wide-area network (LPWAN) modules. --- ## 5. Circuit Implementation Example When designing a PCB for this part, a decoupling capacitor is mandatory to reduce noise. ```c // Concept: Powering the TCXO in a schematic [Power Rail 3.3V] ----+---- [Vcc Pin] | [0.1uF Capacitor] | [GND] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the MV14T1AD-R variant?
    • ⤷ How does this TCXO compare to an OCXO in terms of power consumption?
    • ⤷ What are the recommended soldering profiles for this SMD package?