MV13V3AD-R
AI

The **MV13V3AD-R** is a specific electronic component typically identified as a **Micro-Crystal (MC) Oven-Controlled Crystal Oscillator (OCXO)**. These parts are engineered for applications requiring extreme frequency stability and low phase noise.
---
## 1. Technical Specifications
Below are the typical technical parameters for the MV13 series of oscillators:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Output Frequency** | Usually 10.0 MHz (Standard for this series) |
| **Supply Voltage** | 3.3V DC (Indicated by the "3V3" in the part number) |
| **Package Type** | DIL-14 (Dual In-Line) or Through-hole package |
| **Frequency Stability** | ±5 ppb to ±50 ppb (Parts per billion) |
| **Operating Temp Range** | -40°C to +85°C |
| **Output Waveform** | HCMOS / TTL |
---
## 2. Key Internal Components
An OCXO like the MV13V3AD-R consists of several integrated subsystems:
### A. The Quartz Crystal
The heart of the component is a high-quality quartz crystal. In an OCXO, this crystal is "cut" at a specific angle (usually SC-cut or AT-cut) to optimize stability against temperature changes.
### B. The Heating Element (The "Oven")
To prevent frequency drift caused by ambient temperature changes, the crystal is placed inside a miniature thermal oven. This oven maintains the crystal at a precise, constant temperature (usually around 75°C to 85°C), which is higher than the expected ambient temperature.
### C. Control Circuitry
* **Temperature Sensor:** Monitors the internal oven temperature.
* **Heating Controller:** A feedback loop (PID controller) that adjusts power to the heater.
* **Buffer/Output Amplifier:** Ensures the output signal is clean and can drive the load without affecting the oscillator's stability.
---
## 3. Part Number Breakdown (MV13V3AD-R)
While manufacturers have unique coding, the suffix generally follows this logic:
* **MV13:** Series identifier (Micro-Crystal high-stability series).
* **V3:** Indicates the **3.3 Volt** power supply requirement.
* **AD:** Often refers to specific frequency stability grades or output types.
* **-R:** Standard notation for **RoHS Compliant** (Lead-free).
---
## 4. Common Applications
Due to its high precision, this part is used in:
1. **Telecommunications:** Base stations (LTE/5G) and synchronization modules.
2. **Test & Measurement:** Frequency counters and signal generators.
3. **Navigation:** GPS disciplined clocks and maritime electronics.
4. **Networking:** High-speed routers and switches requiring Stratum 3 stability.
- ⤷
What is the difference between an OCXO and a standard TCXO?
- ⤷ How long is the typical 'warm-up time' for the MV13 series?
- ⤷ What are the pinout configurations for a DIL-14 OCXO?