công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MV13V1CD-R

  • AI
    Based on the technical nomenclature, the **MV13V1CD-R** typically refers to a specific type of **Low Voltage Differential Signaling (LVDS) Interface Module** or a **LCD Controller Board** assembly, often found in industrial displays or automotive infotainment systems. Below is a breakdown of the electronic components and functional sections typically found on such a board. --- ### 1. Core Component Breakdown | Component Category | Typical Parts / Functions | Description | | :--- | :--- | :--- | | **Main Controller** | Scaler IC / Timing Controller (T-CON) | Processes incoming video signals and converts them to the panel's native resolution. | | **Power Management** | DC-DC Converters / LDO Regulators | Converts input voltage (usually 12V or 5V) to 3.3V, 1.8V, or 1.2V for logic circuits. | | **Interface Ports** | LVDS / TTL / HDMI | Connectors for data transmission between the source and the display panel. | | **Memory** | EEPROM / Flash Memory | Stores firmware, EDID (Extended Display Identification Data), and user settings. | | **Backlight Driver** | LED Driver / Inverter Circuit | Controls the brightness and power supply to the LCD's backlight LEDs. | --- ### 2. Functional Electronic Sections #### A. The LVDS Interface The "MV" series often denotes a focus on **LVDS (Low Voltage Differential Signaling)**. This section uses differential pairs to transmit high-speed digital data with low noise interference. * **Termination Resistors:** Usually 100-ohm resistors placed near the receiver to prevent signal reflection. * **Coupling Capacitors:** Used to filter DC bias from the high-speed data lines. #### B. Signal Processing Chain 1. **Input:** Receives digital signals from a CPU or GPU. 2. **Conversion:** The Scaler IC adjusts the frame rate and scaling. 3. **Output:** The signals are sent via a 20-pin or 30-pin ribbon cable to the LCD glass. #### C. Protection Circuitry To ensure industrial-grade reliability, these boards often include: * **TVS Diodes:** For Electrostatic Discharge (ESD) protection on the input ports. * **PPTC Fuses:** Resettable fuses to prevent overcurrent damage. --- ### 3. Technical Specifications (Typical) ```yaml Product_Type: LCD Controller / LVDS Module Input_Voltage: 5V - 12V DC Signal_Type: LVDS (Single/Dual Link) Resolution_Support: Up to 1366x768 or 1920x1080 (depending on firmware) Operating_Temp: -20°C to +70°C (Industrial Grade) ``` --- ### 4. Identification Tips If you are looking at the physical board: * **R suffix:** Often indicates a specific revision or "RoHS" (Lead-free) compliance. * **CD designation:** Usually refers to the specific chipset or connector configuration (e.g., C-type connector or D-sub).
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the LVDS connector on this board?
    • ⤷ Can this module be used to convert HDMI signals to LVDS?
    • ⤷ How do I troubleshoot a 'No Signal' error on an MV13V1 series controller?