MV12T2CG-R
AI

The **MV12T2CG-R** is a specific surface-mount (SMT) electronic component, typically categorized as a **Chip Inductor** or a specialized passive component used in high-frequency applications.
---
## 1. Technical Specifications
While exact parameters can vary slightly by manufacturer (often associated with brands like Taiyo Yuden or similar high-quality passive component producers), the general specifications are as follows:
| Parameter | Typical Value / Description |
|:---|:---|
| **Component Type** | Multilayer Chip Inductor |
| **Inductance** | 1.2 nH (Nanohenries) |
| **Tolerance** | ± 0.3nH (indicated by "C") or ± 5% (G) |
| **Package Size** | 0402 (EIA) / 1005 (Metric) |
| **Termination** | RoHS Compliant / Lead-Free (indicated by "R") |
| **Material** | Ceramic/Ferrite multilayer construction |
---
## 2. Key Features
The MV series is designed for high-performance circuitry. Key features include:
* **High Q Factor:** Optimized for low loss at high frequencies, making it ideal for RF (Radio Frequency) circuits.
* **Precision:** Tight tolerance levels ensure stability in resonant circuits.
* **Compact Footprint:** The 0402/1005 size allows for high-density PCB mounting in mobile devices.
* **High Self-Resonant Frequency (SRF):** Ensures the inductor behaves predictably in the gigahertz (GHz) range.
---
## 3. Applications
This part is commonly found in the following electronic systems:
1. **Mobile Communications:** Used in smartphones for impedance matching in power amplifiers and antenna circuits.
2. **Wireless Modules:** Found in Bluetooth, Wi-Fi, and GPS modules to filter noise and manage signals.
3. **High-Speed Logic:** Decoupling and noise suppression in high-speed digital lines.
4. **RF Front-End:** Integral part of band-pass filters and oscillators.
---
## 4. Part Number Breakdown (Typical)
To better understand the component, we can look at the nomenclature:
* **MV:** Series designation (High-frequency multilayer).
* **12:** Numerical code representing inductance value (1.2).
* **T:** Packaging style (usually Tape & Reel).
* **2:** Size code (0402).
* **C / G:** Tolerance markers.
* **R:** Environmental compliance (RoHS).
- ⤷
What is the maximum current rating for the MV12T2CG-R?
- ⤷ How does a multilayer inductor differ from a wire-wound inductor?
- ⤷ Can this part be used for power supply filtering?