công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MV11T1AD-R

  • AI
    The **MV11T1AD-R** is a specific model of an **SFP (Small Form-factor Pluggable)** optical transceiver module. These components are critical in telecommunications and data networking for converting electrical signals into optical signals (and vice versa). --- ## 1. Technical Specifications The "MV11T1AD-R" usually refers to a **1000Base-T (Copper) SFP** module, though specifications can vary slightly by manufacturer. Below are the typical electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Interface Type** | RJ-45 (Copper) | | **Data Rate** | 10/100/1000 Mbps (Gigabit Ethernet) | | **Cable Type** | Cat5e / Cat6 / Cat6a | | **Max Distance** | 100 Meters | | **Supply Voltage** | 3.3V | | **Power Consumption** | ~1.0W to 1.2W (typical) | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | --- ## 2. Key Electronic Components Internally, the MV11T1AD-R consists of several specialized integrated circuits and hardware layers: ### A. Physical Layer Transceiver (PHY) The core of the module is the **PHY chip**. This chip handles the complex encoding (8B/10B or PAM-5) required to transmit high-speed data over twisted-pair copper cabling. It manages: * **Auto-Negotiation:** Ensuring the device matches the speed of the linked partner. * **Echo Cancellation:** Reducing signal interference within the copper wire. ### B. EEPROM (I2C Interface) The module contains a small non-volatile memory chip (EEPROM). This stores the **Serial ID** information, including: * Manufacturer name and part number. * Link length and transmission media types. * Vendor-specific security keys for compatibility. ### C. Power Management Circuitry Because SFP slots provide 3.3V, the module includes internal voltage regulators and filters to ensure stable power to the PHY chip, preventing data corruption caused by electrical noise. --- ## 3. Connector Interfaces 1. **Host Connector (20-pin):** This is the gold-finger edge connector that plugs into the switch or router. It uses high-speed differential pairs for data (TD+/TD- and RD+/RD-). 2. **External Connector (RJ-45):** The standard ethernet port where the network cable is inserted. It includes magnetic transformers for galvanic isolation to protect the electronic circuits from surges. --- ## 4. Usage and Compatibility * **Hot-Pluggable:** The electronic design allows for "Hot-Swapping," meaning it can be plugged in or removed while the host system is powered on without causing a short circuit. * **Compliance:** Usually adheres to the **SFP MSA** (Multi-Source Agreement), ensuring it works across different brands of networking equipment (Cisco, Juniper, Ubiquiti, etc.), provided the firmware coding is compatible. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an optical SFP and a copper SFP like the MV11T1AD-R?
    • ⤷ How does the EEPROM in an SFP affect compatibility with switches?
    • ⤷ What are the common causes of failure in these types of electronic modules?