công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MTXO2JFBD

  • AI
    ## Understanding the MTXO2JFBD Electronic Component The **MTXO2JFBD** is an alphanumeric code typically associated with **SMD (Surface Mount Device) Crystal Oscillators**, specifically those manufactured by **Murata** or similar high-precision timing component vendors. These parts are critical for providing stable clock signals in digital circuits. --- ### 1. General Specifications While specific datasheets can vary based on the full manufacturer prefix, parts in this series generally follow these parameters: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Component Type** | Crystal Oscillator (TCXO or Standard) | - | | **Package Size** | 2.5 x 2.0 mm or 2.0 x 1.6 mm | mm | | **Output Type** | CMOS / Clipped Sine Wave | - | | **Supply Voltage** | 1.8V to 3.3V | V | | **Load Capacitance** | 10pF to 15pF | pF | --- ### 2. Breakdown of Part Characteristics The "MTXO" designation usually points to a **Temperature Compensated Crystal Oscillator (TCXO)**. These are superior to standard crystals because they include circuitry to counteract frequency drifts caused by temperature changes. #### Key Features: * **High Stability:** Maintains frequency precision even in varying thermal environments. * **Low Phase Noise:** Crucial for wireless communication (Wi-Fi, Bluetooth, GPS) to prevent signal interference. * **Miniaturization:** Designed for high-density PCB layouts in smartphones and wearables. --- ### 3. Application Areas The MTXO2JFBD series is commonly integrated into the following systems: 1. **Mobile Communication:** Providing the reference clock for RF transceivers. 2. **GPS/GNSS Modules:** High-precision timing is required for accurate satellite positioning. 3. **IoT Devices:** Low power consumption for battery-operated sensors. 4. **Network Hardware:** Used in routers and switches for data synchronization. --- ### 4. Typical Pin Configuration Standard 4-pad SMD oscillators usually follow this pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OE or NC | Output Enable or No Connection | | 2 | GND | Ground | | 3 | OUT | Clock Signal Output | | 4 | Vcc | Power Supply | --- ### 5. Circuit Integration Example To use this part in a design, a decoupling capacitor (usually 0.01µF to 0.1µF) should be placed as close as possible to the Vcc pin to filter out power supply noise. ```cpp // Schematic Design Note: // 1. Place C1 (0.1uF) between Pin 4 (Vcc) and Pin 2 (GND). // 2. Ensure the trace from Pin 3 (OUT) to the MCU is as short as possible. // 3. Keep high-speed digital lines away from the oscillator area. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact operating frequency of the MTXO2JFBD?
    • ⤷ Does this component require an external load capacitor?
    • ⤷ What are the storage temperature limits for this TCXO?