công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MT5491-R

  • AI
    ## Overview of MT5491-R The **MT5491-R** is a high-performance integrated circuit (IC) primarily designed as a **Step-Down (Buck) Voltage Regulator**. It is commonly utilized in power management systems where high efficiency and a small physical footprint are required, such as in consumer electronics, networking hardware, and industrial controllers. --- ### Technical Specifications The following table summarizes the core electronic characteristics of the MT5491-R: | Parameter | Specification (Typical) | | :--- | :--- | | **Topology** | Synchronous Step-Down (Buck) | | **Input Voltage Range** | 4.5V to 18V | | **Output Current** | Up to 1A - 2A (Continuous) | | **Switching Frequency** | ~500 kHz to 800 kHz | | **Feedback Voltage** | 0.6V to 0.8V | | **Efficiency** | Up to 95% | | **Package Type** | SOT-23-6 or similar small form factor | --- ### Key Electronic Components & Features 1. **Synchronous Rectification:** Unlike standard buck converters that use an external Schottky diode, the MT5491-R integrates a high-side and a low-side MOSFET. This reduces "diode drop" power losses, leading to significantly higher efficiency. 2. **Internal Compensation:** The chip features internal frequency compensation circuitry. This simplifies the PCB design by reducing the number of external resistors and capacitors required to stabilize the power loop. 3. **Pulse Width Modulation (PWM) Control:** The IC uses fixed-frequency PWM control for predictable noise characteristics, which is vital for telecommunications and sensitive audio/video applications. 4. **Protection Circuitry:** * **Over-Current Protection (OCP):** Limits the current to prevent damage during a short circuit. * **Thermal Shutdown:** Turns off the IC if the junction temperature exceeds safe limits. * **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is high enough to drive the internal MOSFETs. --- ### Typical Application Circuit A standard implementation of the MT5491-R requires a few passive components to function: ```text Input (12V) ----[Cin]----+----[ VIN Pin ] | [MT5491-R]----[ SW Pin ]----[ Inductor ]----+---- Output (3.3V) | | [ GND Pin ] [Cout] + [Feedback Resistors] ``` ### Typical Use Cases * **Set-Top Boxes:** Converting 12V mains adapters to 5V or 3.3V internal rails. * **LCD Monitors:** Powering internal logic boards and scalers. * **Routers/Modems:** High-efficiency regulation for networking processors.
    ✨ Follow-up Questions
    • ⤷What are the specific pinout assignments for the MT5491-R package?
    • ⤷ How does the efficiency curve change when stepping down from 12V to 1.2V?
    • ⤷ What is the recommended inductor value for a 1.5A output load?