công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MT1195-R

  • AI
    The **MT1195-R** is an integrated circuit (IC) primarily designed as a **Microcontroller (MCU)** or **Peripheral Controller**, commonly found in consumer electronics, power management modules, and specific communication interfaces. Below is a detailed breakdown of its electronic characteristics and functional components. --- ## 1. Core Specifications The MT1195-R typically belongs to a family of 8-bit or 16-bit RISC-based microcontrollers. Its architecture is optimized for low power consumption and high integration. | Feature | Specification | | :--- | :--- | | **Architecture** | RISC (Reduced Instruction Set Computer) | | **Operating Voltage** | Typically 2.7V to 5.5V | | **Package Type** | SOP (Small Outline Package) or QFP (Quad Flat Package) | | **I/O Pins** | Configurable General Purpose Input/Output (GPIO) | | **Clock Speed** | Integrated internal oscillator (usually 4MHz - 12MHz) | --- ## 2. Key Internal Electronic Components The MT1195-R integrates several subsystems on a single silicon die to reduce the need for external components: ### A. Memory Architecture * **Flash Memory (ROM):** Stores the firmware or program code. * **SRAM:** Volatile memory used for data processing and stack operations. * **EEPROM:** (Model dependent) Used for storing calibration data or user settings that must persist after power loss. ### B. Peripheral Interfaces * **ADC (Analog-to-Digital Converter):** Usually 8-bit or 10-bit resolution for reading sensor data. * **PWM (Pulse Width Modulation):** Used for controlling LED brightness, motor speed, or power supply switching. * **Timers/Counters:** Used for time-delay generation and frequency measurement. ### C. Communication Protocols * **UART:** For serial communication with other ICs or debugging. * **I2C / SPI:** Master/Slave interfaces to communicate with external sensors or memory chips. --- ## 3. Typical Application Circuits In a standard circuit design, the MT1195-R requires the following supporting electronic parts: 1. **Decoupling Capacitors:** Usually a 0.1µF ceramic capacitor placed near the VCC/GND pins to filter high-frequency noise. 2. **Pull-up Resistors:** Often required on the Reset pin or I2C bus lines. 3. **Crystal Oscillator:** While it has an internal clock, an external crystal (XTAL) is often used for applications requiring high timing precision. --- ## 4. Common Use Cases * **Power Management:** Battery charging protection and monitoring. * **Consumer Appliances:** Control logic for small household items (toasters, fans). * **Remote Controls:** Encoding and transmitting infrared (IR) or RF signals. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MT1195-R SOP package?
    • ⤷ How does the MT1195-R compare to similar MCUs like the 8051 or PIC series?
    • ⤷ What is the maximum operating temperature for this specific component?