công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MSS5THCMP

  • AI
    The **MSS5THCMP** is a specialized camera module commonly used in embedded systems, industrial monitoring, and consumer electronics. It is typically a **5-Megapixel (MP)** CMOS camera module designed for high-definition imaging. --- ### 1. Core Technical Specifications The following table outlines the primary electronic characteristics of the MSS5THCMP module: | Component/Feature | Specification | | :--- | :--- | | **Resolution** | 5 Megapixels (Approx. 2592 x 1944 pixels) | | **Sensor Type** | CMOS (Complementary Metal-Oxide-Semiconductor) | | **Interface** | MIPI CSI-2 (Mobile Industry Processor Interface) or Parallel | | **Supply Voltage** | 1.8V (Core), 2.8V (Analog), 1.8V/2.8V (I/O) | | **Frame Rate** | 15-30 fps at full resolution; higher at 720p/1080p | | **Pixel Size** | Usually 1.4µm x 1.4µm (OmniBSI technology) | --- ### 2. Key Electronic Components The module is composed of several critical sub-assemblies that work together to capture and process visual data: #### A. CMOS Image Sensor The heart of the module. It converts light (photons) into electrical signals. It utilizes an array of photodiodes with a **Bayer Filter** (Red, Green, Blue) to interpret color. #### B. Integrated Circuit (IC) Components * **ADC (Analog-to-Digital Converter):** Converts the analog voltage from the pixels into digital values. * **ISP (Image Signal Processor):** While some processing happens on the host CPU, the module often includes basic logic for gain control, exposure timing, and white balance. * **LDO (Low Dropout Regulators):** On-board voltage regulators ensure the sensor receives clean, noise-free power to prevent "grain" in images. #### C. Optical Assembly * **Lens Stack:** A series of plastic or glass elements that focus light onto the sensor. * **IR Cut Filter:** A specialized coating that blocks infrared light to prevent color distortion in daylight. * **VCM (Voice Coil Motor):** (If Auto-Focus is supported) A small electromagnetic actuator that moves the lens to adjust focus. --- ### 3. Pinout and Connectivity The MSS5THCMP typically connects via a **Flexible Printed Circuit (FPC)** ribbon. Common pins include: 1. **SCL/SDA:** I2C interface used for configuring sensor registers. 2. **MCLK (Master Clock):** Provided by the host processor to drive the sensor logic. 3. **MIPI Data Lanes:** High-speed differential pairs used to transmit the raw image data. 4. **RESET & PWDN:** Pins used to wake the camera or put it into a low-power "Power Down" mode. --- ### 4. Implementation Example (Initialization) To interface with this part, a developer must write to the internal registers via I2C. Below is a conceptual example of how a driver might define the interface: ```python # Conceptual I2C Register Configuration CAMERA_I2C_ADDR = 0x3C def init_mss5thcmp(): # 1. Reset the sensor write_reg(CAMERA_I2C_ADDR, 0x0103, 0x01) # 2. Set Resolution to 5MP set_resolution("2592x1944") # 3. Enable MIPI output write_reg(CAMERA_I2C_ADDR, 0x3008, 0x02) ```
    ✨ Follow-up Questions
    • ⤷ What is the power consumption of the MSS5THCMP during active streaming?
    • ⤷ Which microcontrollers or SOCs are most compatible with the MIPI interface of this module?
    • ⤷ Does this module support hardware-level HDR (High Dynamic Range)?