MS2-G3-R
AI

The **MS2-G3-R** is a specific electronic component, typically associated with high-precision **Pressure Sensors** (often from manufacturers like Keyence or similar industrial automation brands). It serves as a digital pressure monitoring unit used to measure and display the pressure of gases or liquids.
---
### 1. Technical Specifications
The "MS2-G3-R" designation usually refers to a specific configuration regarding output type and pressure range.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Digital Pressure Sensor / Pressure Switch |
| **Pressure Type** | Gauge Pressure |
| **Rated Pressure Range** | 0 to 1.000 MPa (10.00 bar) |
| **Power Supply** | 12 to 24 VDC |
| **Output Type** | PNP or NPN Open Collector (Model Dependent) |
| **Response Time** | 2.5 ms to 5000 ms (Selectable) |
| **Display** | 4-digit, 7-segment LED |
---
### 2. Key Electronic Functions
The MS2 series functions through several integrated electronic stages:
1. **Transducer Element:** A silicon piezoresistive element that converts physical pressure into a minute electrical voltage.
2. **Signal Conditioning:** Internal operational amplifiers (Op-Amps) scale and linearize the raw signal from the transducer.
3. **A/D Converter:** An Analog-to-Digital converter translates the signal for the onboard microprocessor.
4. **Control Logic:** The microprocessor compares the live pressure against "Set Points" (user-defined thresholds) to trigger the outputs.
5. **Switching Output:** The "R" in the suffix often denotes a specific wiring or relay-style output behavior (often a dedicated control output for industrial PLCs).
---
### 3. Wiring and Pinout
Standard electronic integration for this device follows a 4-wire or 5-wire color code:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | V+ | Positive power supply (12-24V) |
| **Blue** | 0V / GND | Common ground |
| **Black** | Control Output 1 | Primary switching signal for the PLC |
| **White** | Control Output 2 / Analog | Secondary output or 4-20mA/1-5V signal |
---
### 4. Common Applications
* **Leak Detection:** Monitoring pressure drop in sealed pneumatic systems.
* **Verification:** Ensuring a vacuum or pressure gripper has successfully picked up a component.
* **Process Control:** Regulating the input pressure of industrial machinery to prevent damage.
- ⤷
What is the difference between the MS2-G3-R and the MS2-V3-R models?
- ⤷ How do I calibrate the zero-point on this pressure sensor?
- ⤷ Can this sensor handle corrosive liquid media?