MS-BZ-R
AI

The **MS-BZ-R** typically refers to a high-precision **Magnetic Buzzer** (often an indicator or transducer) used in industrial control panels, medical devices, or security systems. Below is a breakdown of its electronic characteristics and components.
### 1. Technical Specifications
The "R" suffix often indicates a **RoHS-compliant** version or a specific mounting configuration (e.g., Rear-mount or Round).
| Parameter | Typical Value | Notes |
| :--- | :--- | :--- |
| **Operating Voltage** | 3V - 24V DC | Varies by specific sub-model |
| **Sound Pressure Level (SPL)** | 85dB - 105dB | Measured at 10cm or 30cm |
| **Current Consumption** | < 30mA | Low power draw for logic circuits |
| **Frequency** | 2300Hz ± 500Hz | Standard "warning" pitch |
| **Tone Type** | Continuous or Intermittent | Based on internal circuitry |
---
### 2. Core Electronic Components
The MS-BZ-R operates using electromagnetic induction rather than piezo crystals. The internal construction includes:
* **Electromagnet (Coil):** A fine copper wire winding that creates a magnetic field when current flows through it.
* **Oscillator Circuit:** (If "Indicator" type) An internal PCB that converts DC voltage into an oscillating signal to drive the coil.
* **Vibrating Diaphragm:** A metal disk (usually iron or steel) attracted by the magnetic field, creating sound waves.
* **Permanent Magnet:** Provides a bias to the diaphragm to improve sensitivity and sound clarity.
---
### 3. Application Circuitry
When integrating the MS-BZ-R into an electronic project, a simple transistor switch is usually required if the microcontroller (like an Arduino or PLC) cannot provide sufficient current.
```cpp
// Example: Driving a Buzzer with an Arduino
int buzzerPin = 9;
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
digitalWrite(buzzerPin, HIGH); // Sound ON
delay(1000);
digitalWrite(buzzerPin, LOW); // Sound OFF
delay(1000);
}
```
### 4. Mounting and Housing
* **Material:** Usually PBT or ABS plastic (Flame retardant).
* **Connection:** Usually leads (wires) or PCB pins.
* **Sealing:** Often epoxy-sealed at the base to protect internal components from moisture and dust (IP ratings vary).
---
- ⤷
What is the difference between the MS-BZ-R magnetic buzzer and a piezo buzzer?
- ⤷ How do I calculate the resistor value needed for a 12V MS-BZ-R connected to a 24V supply?
- ⤷ Is the MS-BZ-R suitable for PWM-based volume control?