công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MS-4W-R/

  • AI
    The **MS-4W-R** is a specific model of a **Miniature Slide Switch**, commonly used in electronic circuits for signal switching or power control in small devices. Below is a breakdown of its technical characteristics and internal components. --- ## 1. Technical Specifications The "MS" series generally refers to miniature slide switches, while the "4W" suffix typically indicates a **4-Pole (4P)** configuration. | Feature | Description | | :--- | :--- | | **Switch Type** | Slide Switch | | **Configuration** | 4PDT (4-Pole, Double Throw) | | **Circuitry** | ON-ON (Changes state by sliding) | | **Mounting Type** | Through-hole (PCB Mount) or Panel Mount | | **Current Rating** | Typically 0.1A to 0.3A at 30V DC | | **Terminal Material** | Silver or Gold plated copper alloy | --- ## 2. Key Internal Components The MS-4W-R consists of several mechanical and electronic parts working together: ### A. The Actuator (Slider) The plastic handle that the user moves. In the "4W" model, this slider moves a common internal bridge that connects four separate circuits simultaneously. ### B. Contact System * **Moving Contacts:** Small metallic "clips" or "plates" that move with the actuator. * **Fixed Terminals:** The pins protruding from the bottom. Since it is a 4PDT switch, it usually has **12 pins** (4 poles × 3 pins per pole). ### C. The Housing (Frame) Usually made of a combination of metal (for structural integrity) and thermosetting plastic (to resist heat during soldering). ### D. The "R" Suffix In electronic part numbering, the **-R** often signifies: 1. **RoHS Compliance:** Lead-free and environmentally friendly materials. 2. **Right-Angle:** The pins are bent at a 90-degree angle for side-mounting on a PCB. --- ## 3. Circuit Logic (4PDT) Because it is a 4-pole switch, it acts like four separate switches controlled by a single lever. | Position | Circuit 1 | Circuit 2 | Circuit 3 | Circuit 4 | | :--- | :--- | :--- | :--- | :--- | | **Left** | Pin 1-2 closed | Pin 4-5 closed | Pin 7-8 closed | Pin 10-11 closed | | **Right** | Pin 2-3 closed | Pin 5-6 closed | Pin 8-9 closed | Pin 11-12 closed | --- ## 4. Common Applications * **Audio Equipment:** Switching between four different signal channels. * **Industrial Controls:** Selecting between different operating modes (Auto/Manual/Setup/Service). * **Networking Devices:** Setting hardware configurations or ID addresses.
    ✨ Follow-up Questions
    • ⤷ Can you provide the pinout diagram for a 12-pin 4PDT slide switch?
    • ⤷ What are the soldering temperature limits for the MS-4W-R?
    • ⤷ What is the difference between a 4PDT and a 4PST switch configuration?