MS-4-R/C
AI

The **MS-4-R/C** (often associated with the MS series by manufacturers like Festo or general industrial component suppliers) typically refers to a **Manual On/Off Valve** or a **Soft-Start/Quick Exhaust Valve** assembly within a pneumatic service unit.
While the primary function is pneumatic, the "electronic" aspects usually relate to the **solenoid actuation** and **monitoring sensors** integrated into the unit.
---
### 1. Key Electronic Components
| Component | Function | Technical Detail |
| :--- | :--- | :--- |
| **Solenoid Coil** | Converts electrical signals into mechanical movement to open/close the valve. | Usually 24V DC; rated for continuous duty (IP65 protection). |
| **Pressure Sensor** | Monitors the downstream pressure and sends an analog or digital signal. | Typically 0-10V or 4-20mA output for PLC integration. |
| **M8/M12 Connector** | The physical interface for electrical power and signal transmission. | Standardized industrial circular connectors. |
| **LED Indicators** | Provides visual status of the power supply and switching state. | Green (Power), Yellow/Amber (Actuated). |
---
### 2. Operational Logic (Electropneumatic)
The MS-4-R/C series operates through a combination of electrical control and air pressure:
1. **Signal Input:** A PLC (Programmable Logic Controller) sends a 24V DC signal to the solenoid.
2. **Pilot Actuation:** The solenoid opens a small "pilot" path, using air pressure to move the main internal piston.
3. **Soft-Start Function:** In many "R/C" configurations, the electronics control a gradual pressure build-up to prevent "hammering" or sudden movements in mechanical actuators.
4. **Feedback Loop:** If equipped with a pressure switch, the unit sends a signal back to the controller confirming that the system has reached the target operating pressure.
---
### 3. Technical Specifications (Electronic Focus)
* **Operating Voltage:** 24 V DC (standard range +/- 10%).
* **Power Consumption:** Typically 1.0W to 2.5W depending on the coil type.
* **Duty Cycle:** 100% (ED), meaning it can stay energized indefinitely without overheating.
* **Electrical Connection:** Plug pattern type C (industry standard) or M12.
---
### 4. Safety and Control Wiring
To integrate this part into a circuit, the wiring usually follows this logic:
* **Pin 1 (+):** 24V Supply.
* **Pin 2 (-):** 0V / Common.
* **Pin 3 (Signal):** Used if the unit features a pressure switch output.
---
- ⤷What is the difference between the manual and solenoid versions of the MS-4 series?
- ⤷ How do I wire an M12 connector for a pneumatic pressure sensor?
- ⤷ What are the common failure modes for solenoid coils in service units?