MRF01-R-1
AI

The **MRF01-R-1** is a high-performance, micro-miniature coaxial connector developed by **Hirose Electric**. It is primarily designed for high-frequency signal transmission in compact electronic devices.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | Micro-Coaxial (MCX style variant) |
| **Impedance** | 50 Ohms (Standard) |
| **Frequency Range** | DC to 3 GHz (Commonly used up to 6 GHz in specific iterations) |
| **V.S.W.R.** | 1.3 Max (at 3 GHz) |
| **Contact Resistance** | 15 mΩ Max (Center), 10 mΩ Max (Outer) |
| **Durability** | 500 Mating Cycles |
---
### 2. Component Structure and Materials
The "R-1" designation usually refers to the specific mounting style (Right Angle) or the gender of the connector.
* **Center Contact:** Typically made of Brass or Phosphor Bronze with **Gold Plating** to ensure high conductivity and oxidation resistance.
* **Insulator:** Uses PTFE (Polytetrafluoroethylene) or similar high-grade resins to maintain consistent impedance.
* **Outer Shell:** Often Nickel-plated or Gold-plated Brass to provide shielding against EMI (Electromagnetic Interference).
---
### 3. Core Features
1. **Compact Size:** It is significantly smaller than standard SMA connectors, making it ideal for dense PCB layouts.
2. **Snap-on Coupling:** Features a "snap-on" mechanism that allows for quick mating and unmating without the need for threading tools.
3. **Broadband Performance:** Maintains low VSWR (Voltage Standing Wave Ratio) across a wide frequency spectrum.
---
### 4. Typical Applications
The MRF01 series is commonly found in the following sectors:
* **Wireless Communication:** WiFi modules, Bluetooth hardware, and GPS receivers.
* **Mobile Devices:** Handheld scanners, smartphones, and tablets.
* **Medical Equipment:** High-frequency imaging and monitoring sensors.
* **Antenna Connections:** Internal routing from a PCB to an external antenna port.
---
### 5. Assembly and Mounting
The **MRF01-R-1** is generally a **PCB-mount** component.
* **Mounting Type:** Through-hole or Surface Mount (depending on the specific suffix variation).
* **Soldering:** Requires precision soldering to avoid bridging the center signal pin with the outer ground shield.
- ⤷
What are the main differences between MRF01 and U.FL connectors?
- ⤷ Can you provide the footprint dimensions for PCB layout?
- ⤷ Is there a specific cable assembly recommended for the MRF01-R-1?