công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MPZ2012S601AT000

  • AI
    ## Technical Overview: MPZ2012S601AT000 The **MPZ2012S601AT000** is a high-performance **Chip Bead** (Ferrite Bead) manufactured by **TDK Corporation**. It is specifically designed for noise suppression in power lines, belonging to the MPZ series which features low DC resistance to handle high currents. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Impedance (at 100 MHz)** | 600 $\Omega$ (±25%) | | **Rated Current (Max)** | 2.0 A | | **DC Resistance (Max)** | 0.07 $\Omega$ | | **Operating Temperature** | -55°C to +125°C | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Package Size (Inch)** | 0805 | | **Height** | 0.85 mm | --- ### 2. Functional Characteristics #### Noise Suppression Mechanism The MPZ series works by increasing its impedance at high frequencies. It acts as a resistor for high-frequency noise, converting that noise energy into heat, while allowing low-frequency DC signals to pass through with minimal loss. #### Material Type (S Material) The "S" in the part number indicates a standard frequency characteristic. It provides high impedance across a broad range, making it versatile for general noise applications. #### Power Line Optimization Unlike signal-line beads, this component is optimized for **Power Lines**: * **High Current Rating:** Can handle up to 2.0A without saturating or overheating. * **Low DC Resistance (Rdc):** Minimizes voltage drops across the component. --- ### 3. Part Number Breakdown ```text MPZ | 2012 | S | 601 | A | T000 (1) | (2) | (3)| (4) |(5)| (6) ``` 1. **Series Name:** MPZ (Multilayer chip bead for power lines). 2. **Dimensions:** 2.0mm x 1.25mm (0805). 3. **Material Code:** S (Standard type). 4. **Nominal Impedance:** 601 = $60 \times 10^1 = 600 \Omega$. 5. **Characteristic Type:** A (Standard). 6. **Packaging:** T000 (Taping / Reel). --- ### 4. Common Applications * **Consumer Electronics:** Power lines in smartphones, tablets, and PCs. * **Industrial:** Noise filtering in power supply modules. * **Peripheral Devices:** USB lines and power distribution networks (PDN) where high current is present. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MPZ series and the MMZ series from TDK?
    • ⤷ How does the impedance change as the frequency exceeds 100 MHz for this part?
    • ⤷ Can this ferrite bead be used in automotive applications?