công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MPZ2012S101ATD25

  • AI
    The **MPZ2012S101ATD25** is a high-performance chip bead manufactured by **TDK Corporation**. It is specifically designed for noise suppression in power lines and is part of the MPZ series (Multilayer Power Ferrite Beads). --- ### 1. General Specifications The part number encodes specific technical characteristics as detailed in the table below: | Parameter | Specification | | :--- | :--- | | **Series** | MPZ (Multilayer Chip Bead for Power Lines) | | **Case Size (EIA)** | 0805 | | **Dimensions (L x W)** | 2.0mm x 1.25mm | | **Impedance** | 100 $\Omega$ (at 100MHz) | | **Impedance Tolerance** | ±25% | | **Rated Current (Max)** | 3.0 A (3000 mA) | | **DC Resistance (Max)** | 0.02 $\Omega$ (20 mΩ) | | **Operating Temp Range** | -55°C to +125°C | --- ### 2. Key Features and Benefits * **High Current Capability:** Unlike standard signal-line beads, the MPZ series is optimized for low DC resistance, allowing it to handle high currents (up to 3A) without significant heating or voltage drop. * **Effective Noise Suppression:** It functions as a frequency-dependent resistor. It allows low-frequency signals (DC) to pass through while dissipating high-frequency noise as heat. * **AEC-Q200 Compliant:** The "D25" suffix typically indicates automotive grade qualification, meaning it is tested for high reliability in harsh environments. * **S-Material Type:** The "S" designation refers to the standard material characteristic, providing a moderate frequency response suitable for a wide range of noise types. --- ### 3. Application Use Cases This component is typically found in: 1. **Automotive Electronics:** Power management units (ECUs), infotainment systems, and ADAS sensors. 2. **Power Supply Lines:** Filtering noise in DC-DC converters and switching power supplies. 3. **Consumer Electronics:** High-current charging circuits in smartphones or laptops. 4. **Industrial Equipment:** Reducing electromagnetic interference (EMI) on motor control boards. --- ### 4. Comparison: Impedance vs. Resistance It is important to distinguish between the **DC Resistance (RDC)** and **Impedance (Z)**: ```python # Conceptual representation of the part's behavior def get_impedance(frequency_mhz): if frequency_mhz == 0: return 0.02 # DC Resistance in Ohms elif frequency_mhz == 100: return 100.0 # Rated Impedance in Ohms else: return "Non-linear increase based on ferrite material" ```
    ✨ Follow-up Questions
    • ⤷ How does the 'S' material type differ from 'S' or 'Y' types in TDK beads?
    • ⤷ What are the soldering recommendations for the 0805 package size?
    • ⤷ How does temperature affect the rated current of this chip bead?