công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MPX2053_08

  • AI
    The **MPX2053** series (specifically the MPX2053GS or similar variants often referred to in industrial catalogs) is a silicon piezoresistive pressure sensor. It is designed to provide a highly accurate and linear voltage output directly proportional to the applied pressure. --- ### 1. Technical Specifications The MPX2053 is a compensated, differential pressure sensor. Here are the core electronic characteristics: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Pressure Range** | 0 to 50 | kPa | | **Supply Voltage ($V_{CC}$)** | 10 (Typical), 16 (Max) | Vdc | | **Sensitivity** | 0.8 | mV/kPa | | **Full Scale Span** | 40 | mV | | **Linearity Error** | ±0.6 | % $V_{FSS}$ | | **Input Impedance** | 1000 - 2500 | $\Omega$ | | **Operating Temperature** | -40 to +125 | °C | --- ### 2. Internal Electronic Structure The sensor utilizes a specialized strain gauge architecture integrated into a single monolithic silicon chip. * **Piezoresistive Die:** The heart of the sensor is a four-terminal strain gauge. When pressure is applied, the resistance of the silicon diaphragm changes (the piezoresistive effect). * **On-Chip Temperature Compensation:** The "2053" series includes integrated resistor networks that provide temperature compensation and calibration. This ensures the output remains stable despite environmental temperature fluctuations. * **Ratiometric Output:** The output voltage is proportional to the supply voltage. If the supply voltage fluctuates, the output scale shifts accordingly. --- ### 3. Pin Configuration and Connection The device typically features 4 pins. Below is the standard mapping: | Pin Number | Function | Description | | :---: | :--- | :--- | | **1** | **GND** | Ground | | **2** | **+Vout** | Positive Differential Output | | **3** | **Vs** | Supply Voltage (Power) | | **4** | **-Vout** | Negative Differential Output | --- ### 4. Implementation Circuitry Because the output signal is in the millivolt range (0-40mV), it cannot be read directly by most Microcontroller (MCU) ADCs with high resolution. An **Instrumentation Amplifier** (e.g., AD620 or INA126) is required. ```python # Example calculation for Pressure (P) # Sensitivity (S) = 0.8 mV/kPa # Vout_diff = Pin2 - Pin4 V_out_diff = Measured_mV Pressure_kPa = V_out_diff / 0.8 ``` --- ### 5. Key Features * **Linearity:** Excellent linearity across the entire 50 kPa range. * **Durability:** The "GS" variant usually features a gauge port that allows for easy tube connection. * **Media:** Primarily designed for non-corrosive gases and dry air. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the MPX2053 and the MPX5050 series?
    • ⤷ Can you provide a circuit diagram for connecting this sensor to an Arduino?
    • ⤷ How do I calibrate the offset voltage for the MPX2053?