công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MPV3J60B8QJ-R

  • AI
    Based on the part number **MPV3J60B8QJ-R**, this component is a high-performance **eMMC (Embedded MultiMediaCard)** storage device, typically manufactured by Micron Technology. It is widely used in automotive, industrial, and high-end consumer electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Storage Capacity** | 8 GB | | **Interface** | eMMC 5.1 | | **NAND Flash Type** | MLC (Multi-Level Cell) or TLC (depending on specific revision) | | **Voltage Supply** | 1.8V (Vccq) / 3.3V (Vcc) | | **Package Type** | 153-ball VFBGA | | **Operating Temperature** | Automotive Grade / Industrial Grade | | **Data Transfer Rate** | Up to 400 MB/s (HS400 mode) | --- ### 2. Functional Description The MPV3J60B8QJ-R integrates a **NAND Flash memory** and an **intelligent controller** within the same package. This architecture simplifies the design process for engineers because the internal controller handles the complexities of flash management. #### Core Internal Functions: * **Error Correction Code (ECC):** Automatically detects and fixes data bit errors. * **Wear Leveling:** Ensures data is written evenly across the memory cells to extend the lifespan of the chip. * **Bad Block Management:** Identifies and maps out defective sectors of the flash memory. * **Garbage Collection:** Optimizes storage space by reclaiming blocks that contain invalid data. --- ### 3. Pinout and Packaging (153-ball VFBGA) The device uses a **Ball Grid Array (BGA)** footprint. This allows for a very small physical size while providing high thermal and electrical performance. * **Data Pins (DAT0-DAT7):** 8-bit wide bus for high-speed data transfer. * **CMD:** Command line used for device initialization and operation requests. * **CLK:** Clock signal to synchronize data transfers. * **RST_n:** Hardware reset pin. --- ### 4. Typical Applications Due to the "R" suffix and the specific series architecture, this part is frequently found in: 1. **Automotive Infotainment:** Storing maps, OS data, and media for car dashboards. 2. **Industrial Computing:** Reliable storage for PLCs and edge gateways. 3. **Smart Home Hubs:** Storing firmware and user data for IoT central units. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between eMMC 5.1 and earlier versions like 4.5?
    • ⤷ Can this chip be used in temperatures exceeding 85°C?
    • ⤷ How do I interface this eMMC with an ARM-based microcontroller?