công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MPV3J20U1PJ-R

  • AI
    The part number **MPV3J20U1PJ-R** refers to a high-performance **Multi-Layer Varistor (MLV)**, typically manufactured by companies like AVX (Kyocera) or similar specialist component brands. These components are designed to protect sensitive electronics from voltage transients (surges). ### 1. General Specifications Based on the standard nomenclature for this series, here are the technical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Multi-Layer Varistor (MLV) / Transient Voltage Suppressor | | **Package / Case** | 0603 or 0805 Surface Mount (SMD) | | **Working Voltage (DC)** | ~20V (Indicated by '20') | | **Clamping Voltage** | High-speed response to limit voltage spikes | | **Termination** | Standard solder plating (usually Tin/Ni) | | **Packaging** | Tape & Reel (Indicated by '-R') | --- ### 2. Key Features and Functions The "MPV" series is specifically engineered for **high-speed data line protection** and ESD (Electrostatic Discharge) suppression. * **Bidirectional Protection:** Unlike a standard diode, a varistor protects against both positive and negative voltage spikes. * **Low Capacitance:** These parts are often designed with low internal capacitance to ensure they do not distort high-speed signals (like USB 3.0 or HDMI). * **Fast Response Time:** They react to sub-nanosecond transients, providing immediate grounding for surge energy. * **Durability:** Capable of withstanding multiple strike events without significant degradation compared to traditional polymer ESD suppressors. --- ### 3. Pinout and Circuit Integration As a passive SMD component, the MPV3J20U1PJ-R is non-polarized. ```mermaid graph LR A[Signal Line] --- B[MPV3J20U1PJ-R] B --- C[Ground/VSS] ``` **Common Placement:** 1. **I/O Ports:** Placed near connectors (USB, Ethernet) to catch ESD from human contact. 2. **Power Rails:** Used on low-voltage DC rails (up to 20V) to suppress switching noise. 3. **Sensors:** Protects sensitive analog-to-digital converter (ADC) inputs. --- ### 4. Part Number Breakdown (Estimated) | Segment | Meaning | | :--- | :--- | | **MPV** | Series Code (Multi-layer Poly-Varistor) | | **3** | Case Size Indicator (e.g., 0603) | | **J** | Tolerance or Energy Rating | | **20** | Working Voltage (20V DC) | | **U1** | Specific variant/Capacitance value | | **PJ-R** | Packaging (Tape & Reel) and Lead-Free compliance | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for this specific varistor?
    • ⤷ Can this component be used for AC mains protection?
    • ⤷ How does the capacitance of this MLV affect high-speed data transmission?