MPV3J20S1PJ-R
AI

The **MPV3J20S1PJ-R** is a specific part number belonging to the **MPV series** of Metal Oxide Varistors (MOVs) manufactured by **Thinking Electronic Industrial Co., Ltd.**
These components are primarily used for overvoltage protection, acting as a "clamp" to shield sensitive electronics from voltage spikes and surges.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the Thinking Electronic MPV series, here are the technical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) | A voltage-dependent resistor. |
| **Disk Size** | 20mm | The diameter of the ceramic disk inside. |
| **Varistor Voltage** | 330V (Nominal) | The voltage at which the device starts conducting. |
| **Maximum AC Voltage** | 210V | The maximum continuous RMS voltage allowed. |
| **Maximum DC Voltage** | 275V | The maximum continuous DC voltage allowed. |
| **Clamping Voltage** | ~550V | The maximum voltage during a surge event. |
| **Energy Absorption** | High (Joule rating) | Designed for high-energy industrial applications. |
---
### 2. Part Number Breakdown
The alphanumeric string represents specific physical and electrical traits:
* **MPV**: Series Name (Thermally Protected Metal Oxide Varistor).
* **3J**: Likely refers to the energy rating or specific certification class (often Class I or II protection).
* **20**: The diameter of the varistor disk (20mm).
* **S**: Square or Standard shape/lead style.
* **1PJ**: Specific internal coding for packaging and lead spacing.
* **-R**: RoHS Compliant (Lead-free).
---
### 3. Functional Mechanism
The MPV3J20S1PJ-R operates as follows:
1. **Standby Mode:** Under normal operating voltage, the varistor maintains high resistance, drawing negligible current.
2. **Surge Event:** When a high-voltage spike (like lightning or inductive switching) occurs, the resistance drops instantly.
3. **Clamping:** It diverts the excess current to the ground or neutral, limiting (clamping) the voltage to a level the equipment can survive.
4. **Thermal Protection:** Unlike standard MOVs, the "MPV" series often includes a thermal disconnector that opens the circuit if the varistor overheats, preventing fires.
---
### 4. Common Applications
Due to its size (20mm) and voltage rating, this part is typically found in:
* **Power Supplies:** Surge protection in industrial SMPS.
* **White Goods:** Protection for washing machines and refrigerators.
* **SPD (Surge Protective Devices):** Component-level protection in Type 2 or Type 3 SPDs.
* **LED Drivers:** Protecting outdoor lighting from atmospheric disturbances.
- ⤷
What is the difference between an MPV and a standard MOV?
- ⤷ How do I choose the correct varistor voltage for a 230V AC application?
- ⤷ Does this component require a fuse in series for safety?