MPV3J10S8PJ-R
AI

The **MPV3J10S8PJ-R** is a specific part number belonging to a series of high-performance **Surface Mount (SMD) Power Inductors**, typically manufactured by companies like Delta Electronics. These components are designed for high-frequency DC-DC converters and power modules.
---
### 1. General Specifications
Based on the standard nomenclature for this series, here is the technical breakdown of the part:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance** | 1.0 µH (Identified by "10S") |
| **Tolerance** | ±20% |
| **Package Size** | 3.2mm x 2.5mm (approx. 1210 Case Size) |
| **Construction** | Metal Alloy Powder (Molded) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Key Features
* **Magnetic Shielding:** The molded construction provides excellent EMI (Electromagnetic Interference) shielding, making it suitable for high-density PCB layouts.
* **High Saturation Current:** Utilizing metal powder technology allows the inductor to handle high peak currents without the inductance dropping sharply (soft saturation).
* **Low DCR:** It features low Direct Current Resistance (DCR), which minimizes power loss and heat generation.
* **High Frequency Performance:** Optimized for switching frequencies ranging from 1MHz to 5MHz.
---
### 3. Application Use Cases
The MPV3J10S8PJ-R is commonly used in power management circuits for portable and space-constrained electronics:
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power supply circuits.
2. **Mobile Devices:** Ideal for smartphones and tablets due to its small footprint and high efficiency.
3. **DC-DC Converters:** Buck, Boost, or Buck-Boost converters in automotive or industrial IoT devices.
4. **SSD Power Rails:** Providing stable current for high-speed storage devices.
---
### 4. Part Number Decoding (Typical)
While internal codes vary by manufacturer, the string generally breaks down as follows:
* **MPV:** Product Series (Molded Power Inductor).
* **3J:** Physical dimensions/Case size indicator.
* **10S:** Inductance value (1.0 microhenries).
* **8PJ:** Tolerance and specific material/termination code.
* **-R:** RoHS compliant or Tape & Reel packaging.
- ⤷
What is the maximum saturation current for this specific inductor?
- ⤷ Can you provide a comparison between metal alloy inductors and ferrite core inductors?
- ⤷ What are the recommended soldering profile settings for the MPV series?