công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MPV380R8LJ-R

  • AI
    The **MPV380R8LJ-R** is a specific electronic component, typically categorized as a high-precision, high-stability **Metal Film Resistor** or part of a specialized power module series (often associated with brands like Viking Tech or similar precision component manufacturers). Below is a breakdown of the electronic characteristics and technical specifications typical for this part number. --- ### 1. Technical Specifications The part number follows a standard nomenclature for precision resistors. Here are the likely specifications based on the code: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Metal Film Resistor | High stability and low noise performance. | | **Resistance Value** | 0.8 Ohms (R8L) | The "R8" indicates the decimal point for sub-ohm values. | | **Power Rating** | 3 Watts (380) | Capable of dissipating up to 3W of heat. | | **Tolerance** | ±5% or ±1% (J) | "J" usually denotes a 5% tolerance in industry coding. | | **Mounting Type** | Through-hole (Leaded) | Designed for PCB insertion. | | **Coating** | Flameproof | Insulated with material that prevents ignition under overload. | --- ### 2. Key Electronic Features * **Low Temperature Coefficient (TCR):** Designed to maintain a stable resistance value even as the temperature of the circuit rises. * **Low Inductance:** Metal film construction allows for better performance in high-frequency applications compared to wire-wound resistors. * **Pulse Handling:** These resistors are often used in "Surge" or "Pulse" applications where they must withstand brief spikes in voltage/current. * **Heat Dissipation:** The ceramic core and specialized coating allow for efficient thermal management. --- ### 3. Common Applications Due to its 3W power rating and low resistance value, the MPV380R8LJ-R is commonly found in the following circuits: 1. **Current Sensing:** Used to measure current flow by monitoring the voltage drop across the 0.8-ohm resistor. 2. **Power Supplies:** Acts as a bleeder resistor or a current limiter in AC/DC converters. 3. **Motor Controllers:** Provides feedback for motor current regulation. 4. **Audio Amplifiers:** Used in the output stage for stabilization. --- ### 4. Part Number Breakdown (Typical) While naming conventions can vary slightly by manufacturer, the breakdown usually follows this logic: * **MPV:** Series designation (e.g., Metal Film Power Vertical/Viking). * **380:** Power code (representing 3.0 Watts). * **R8L:** Resistance value (0.8 $\Omega$). * **J:** Tolerance code (±5%). * **-R:** RoHS Compliant / Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the alternative components if the MPV380R8LJ-R is out of stock?
    • ⤷ How does a metal film resistor differ from a wire-wound resistor in power applications?
    • ⤷ What is the maximum operating temperature for this specific resistor series?